Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 31 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 27Page - STMicroelectronics M39832NE Datasheet HTML 28Page - STMicroelectronics M39832NE Datasheet HTML 29Page - STMicroelectronics M39832NE Datasheet HTML 30Page - STMicroelectronics M39832NE Datasheet HTML 31Page - STMicroelectronics M39832NE Datasheet HTML 32Page - STMicroelectronics M39832NE Datasheet HTML 33Page - STMicroelectronics M39832NE Datasheet HTML 34Page - STMicroelectronics M39832NE Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Symbol
Parameter
M39832
Unit
-120
-150
Min
Max
Min
Max
tWHQ7V1
(2)
Write Enable High to DQ7 Valid
(Program, W Controlled)
10
10
µs
tWHQ7V2
(2)
Write Enable High to DQ7 Valid
(Sector Erase, W Controlled)
1.5
30
1.5
30
sec
tEHQ7V1
(2)
Flash Block Enable High to DQ7 Valid
(Program, EF Controlled)
10
10
µs
tEHQ7V2
(2)
Flash Block Enable High to DQ7 Valid
(Sector Erase, EF Controlled)
1.5
30
1.5
30
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
50
55
ns
Notes: 1. All other timings are defined in Read AC Characteristics table.
2. tWHQ7V is the Program or Erase time.
Table 16. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
Parameter
M39832
Unit
Min
Typ
Typical after
100k W/E Cycles
Max
Flash array Erase (Preprogrammed)
5
5
sec
Flash array Erase
12
12
sec
Flash array Block Erase
2.4
sec
Parameter Block Erase
2.3
sec
Main Block (32Kb) Erase
2.7
sec
Main Block (64Kb) Erase
3.3
15
sec
Chip Program (Byte)
8
8
sec
Byte Program
10
10
µs
Word Program
20
20
µs
Program/Erase Cycles (per Block)
100,000
cycles
Table 17. Program, Erase Times and Program, Erase Endurance Cycles (Flash Block)
(TA = 0 to 70
°C; VCC = 2.7V to 3.6V)
31/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com