Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 28 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 24Page - STMicroelectronics M39832NE Datasheet HTML 25Page - STMicroelectronics M39832NE Datasheet HTML 26Page - STMicroelectronics M39832NE Datasheet HTML 27Page - STMicroelectronics M39832NE Datasheet HTML 28Page - STMicroelectronics M39832NE Datasheet HTML 29Page - STMicroelectronics M39832NE Datasheet HTML 30Page - STMicroelectronics M39832NE Datasheet HTML 31Page - STMicroelectronics M39832NE Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Symbol
Alt
Parameter
M39832
Unit
-120
-150
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
120
150
ns
tELWL
(2)
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
65
ns
tDVWH
tDS
Input Valid to Write Enable High
50
65
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
(2)
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
30
35
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
50
65
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHQV1
(1)
Write Enable High to Output Valid (Program)
15
15
µs
tWHQV2
(1)
Write Enable High to Output Valid
(Sector Erase)
2.0
30
2.0
30
sec
tWHWL0
Time Out between 2 consecutive Section Erase
80
80
µs
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
tWHRL
(3)
tDB
Write Enable High to Ready/Busy Output Low
150
150
ns
Notes: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV
2. Chip Enable means (EE, EF) = (VIL, VIH) or (EE, EF) = (VIH, VIL).
3. With a 3.3K
Ω pull-up resistor.
Table 14. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
28/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com