Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 5 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 5 Page - STMicroelectronics

  M39832NE Datasheet HTML 1Page - STMicroelectronics M39832NE Datasheet HTML 2Page - STMicroelectronics M39832NE Datasheet HTML 3Page - STMicroelectronics M39832NE Datasheet HTML 4Page - STMicroelectronics M39832NE Datasheet HTML 5Page - STMicroelectronics M39832NE Datasheet HTML 6Page - STMicroelectronics M39832NE Datasheet HTML 7Page - STMicroelectronics M39832NE Datasheet HTML 8Page - STMicroelectronics M39832NE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
16K BOOT BLOCK
AI01731B
8K PARAMETER BLOCK
8K PARAMETER BLOCK
32K MAIN BLOCK
BOTTOM BOOT BLOCK
FFFFFh
90000h
8FFFFh
80000h
7FFFFh
C0000h
BFFFFh
00000h
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
B0000h
AFFFFh
A0000h
9FFFFh
60000h
5FFFFh
70000h
6FFFFh
F0000h
EFFFFh
E0000h
DFFFFh
D0000h
CFFFFh
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
50000h
4FFFFh
30000h
2FFFFh
40000h
3FFFFh
64K MAIN BLOCK
64K MAIN BLOCK
10000h
0FFFFh
20000h
1FFFFh
0FFFFh
00000h
08000h
07FFFh
06000h
05FFFh
04000h
03FFFh
FFFFFh
7FFFFh
48000h
47FFFh
40000h
3FFFFh
60000h
5FFFFh
58000h
57FFFh
50000h
4FFFFh
30000h
2FFFFh
38000h
37FFFh
78000h
77FFFh
70000h
6FFFFh
68000h
67FFFh
07FFFh
00000h
04000h
03FFFh
03000h
02FFFh
02000h
01FFFh
00000h
28000h
27FFFh
18000h
17FFFh
20000h
1FFFFh
08000h
07FFFh
10000h
0FFFFh
Byte-Wide
Word-Wide
Byte-Wide
Word-Wide
Figure 3B. Bottom Boot Block Memory Map and Block Address Table
5/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com