Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DML0441 Datasheet (PDF) - Renesas Technology Corp

9DML0441 Datasheet PDF - Renesas Technology Corp
Part # 9DML0441
Download  9DML0441 Download
File Size   608.21 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 3.3V PCIe Gen1–7 Clock Mux

9DML0441 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DML0441 Datasheet PDF - Renesas Technology Corp

Part # 9DML0441
Download  9DML0441 Click to download

File Size   608.21 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 3.3V PCIe Gen1–7 Clock Mux

9DML0441 Datasheet (HTML) - Renesas Technology Corp


9DML0441 Product details

• Direct connection to 100 (xx41) or 85 (xx51)
transmission lines saves up to 16 resistors
• 79mW typical power consumption
• Spread Spectrum Clocking (SSC) compatible
• OE# pins for each output
• HCSL-compatible differential inputs
• Selectable asynchronous or glitch-free, gapped-clock
switching; allows the mux to be selected at power up even
if both inputs are not running, then transition to glitch-free switching mode
• Space saving 4 × 4 mm 24-VFQFPN
• Contact factory for customized versions




Similar Part No. - 9DML0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
9DML0441AKILF IDT-9DML0441AKILF Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441AKILF IDT-9DML0441AKILF Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
9DML0441AKILFT IDT-9DML0441AKILFT Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441AKILFT IDT-9DML0441AKILFT Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
More results


Similar Description - 9DML0441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
9DML04 IDT-9DML04 Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com