Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19002AGNT#KD0 Datasheet (PDF) - Renesas Technology Corp

RC19002AGNT#KD0 Datasheet PDF - Renesas Technology Corp
Part # RC19002AGNT#KD0
Download  RC19002AGNT#KD0 Download
File Size   2266.72 Kbytes
Page   103 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen7 Fanout Buffer Family with LOS

RC19002AGNT#KD0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC19002AGNT#KD0 Datasheet PDF - Renesas Technology Corp

Part # RC19002AGNT#KD0
Download  RC19002AGNT#KD0 Click to download

File Size   2266.72 Kbytes
Page   103 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen7 Fanout Buffer Family with LOS

RC19002AGNT#KD0 Datasheet (HTML) - Renesas Technology Corp


RC19002AGNT#KD0 Product details

▪ PCIe Gen5 additive phase jitter: 5.8fs RMS
▪ PCIe Gen6 additive phase jitter: 3.4fs RMS
▪ PCIe Gen7 additive phase jitter: 2.4fs RMS
▪ DB2000Q additive phase jitter: 10fs RMS
▪ 12kHz to 20MHz additive phase jitter: 30fs RMS at
156.25MHz
▪ Power Down Tolerant (PDT) inputs
▪ Flexible Startup Sequencing (FSS)
▪ Automatic Clock Parking (ACP) upon loss of CLKIN
▪ Spread-spectrum tolerant
▪ CLKIN accepts HCSL or LVDS signal levels
▪ -40 to +105°C, 3.3V ±10% operation
▪ All devices except RC19002:
• Selectable output slew rate via pin/SMBus
• 4-wire Side-Band Interface supports high-speed
serial output enable and device daisy-chaining
• 9 SMBus addresses plus write protection
• 85Ω or 100Ω (A100 suffix) output impedance
• Pin-selectable slew rate
▪ RC19002: Pin-selectable output impedance




Similar Part No. - RC19002AGNT#KD0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC19002AGNT#KD0 RENESAS-RC19002AGNT#KD0 Datasheet
2Mb / 103P
PCIe Gen7 Fanout Buffer Family with LOS
Rev.1.30 Aug 21, 2026
More results


Similar Description - RC19002AGNT#KD0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY75578L MICREL-SY75578L Datasheet
651Kb / 10P
PCIe Fanout Buffer 267MHz, 8 HCSL Outputs with 2 Input MUX
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
ON Semiconductor
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
RC190XX RENESAS-RC190XX Datasheet
2Mb / 109P
PCIe Gen5/6 Fanout Buffer Family with LOS
Dec 1, 2022
RC192XX RENESAS-RC192XX Datasheet
1Mb / 59P
PCIe Gen5/6 2-Input Clock Mux Family with LOS
Nov 17, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com