Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC190XX Datasheet (PDF) - Renesas Technology Corp

RC190XX Datasheet PDF - Renesas Technology Corp
Part # RC190XX
Download  RC190XX Download
File Size   2804.66 Kbytes
Page   109 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen5/6 Fanout Buffer Family with LOS

RC190XX Datasheet (PDF)

Go To PDF Page Download Datasheet
RC190XX Datasheet PDF - Renesas Technology Corp

Part # RC190XX
Download  RC190XX Click to download

File Size   2804.66 Kbytes
Page   109 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen5/6 Fanout Buffer Family with LOS

RC190XX Datasheet (HTML) - Renesas Technology Corp


RC190XX Product details

Features
▪ PCIe Gen5 additive phase jitter: 6fs RMS
▪ PCIe Gen6 additive phase jitter: 4fs RMS
▪ DB2000Q additive phase jitter: 10fs RMS
▪ 12kHz to 20MHz additive phase jitter: 30fs RMS at
156.25MHz
▪ Power Down Tolerant (PDT) inputs
▪ Flexible Startup Sequencing (FSS)
▪ Automatic Clock Parking (ACP) upon loss of CLKIN
▪ Selectable output slew rate via pin or SMBus
▪ 4-wire Side-Band Interface supports high-speed
serial output enable and device daisy-chaining
▪ 9 selectable SMBus addresses
▪ SMBus write protection features
▪ Spread-spectrum tolerant
▪ 85Ω or 100Ω (A100 suffix) output impedance
▪ CLKIN accepts HCSL or LVDS signal levels
▪ -40 to +105°C, 3.3V ±10% operation




Similar Part No. - RC190XX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC190XX RENESAS-RC190XX Datasheet
2Mb / 103P
PCIe Gen7 Fanout Buffer Family with LOS
Nov 5, 2025
RC190XX RENESAS-RC190XX Datasheet
2Mb / 103P
PCIe Gen7 Fanout Buffer Family with LOS
Rev.1.30 Aug 21, 2026
RC190XX RENESAS-RC190XX_V01 Datasheet
2Mb / 103P
PCIe Gen7 Fanout Buffer Family with LOS
Nov 5, 2025
RC190XX RENESAS-RC190XX_V02 Datasheet
2Mb / 103P
PCIe Gen7 Fanout Buffer Family with LOS
Rev.1.30 Aug 21, 2026
More results


Similar Description - RC190XX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
6 Output LVPECL Fanout Buffer
Rev 1-2
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
logo
TE Connectivity Ltd
114-160367 TEC-114-160367 Datasheet
400Kb / 8P
PCIe Gen5 Card Edge Connector
24 JUN 2022 Rev. A
logo
Renesas Technology Corp
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
RC192XX RENESAS-RC192XX Datasheet
1Mb / 59P
PCIe Gen5/6 2-Input Clock Mux Family with LOS
Nov 17, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com