Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z128 Datasheet (PDF) - STMicroelectronics

M48Z128 Datasheet PDF - STMicroelectronics
Part # M48Z128
Download  M48Z128 Download
File Size   106.2 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 128Kb x8 ZEROPOWER SRAM

M48Z128 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z128 Datasheet PDF - STMicroelectronics

Part # M48Z128
Download  M48Z128 Click to download

File Size   106.2 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 128Kb x8 ZEROPOWER SRAM

M48Z128 Datasheet (HTML) - STMicroelectronics


M48Z128 Product details

Features
■ INTEGRATED LOW POWER SRAM, POWER-FAIL CONTROL CIRCUIT and BATTERY
■ CONVENTIONAL SRAM OPERATION; UNLIMITED WRITE CYCLES
■ 10 YEARS of DATA RETENTION in the ABSENCE of POWER
■ AUTOMATIC POWER-FAIL CHIP DESELECT and WRITE PROTECTION
■ WRITE PROTECT VOLTAGES (VPFD = Power-fail Deselect Voltage):
■ M48Z128: 4.50V ≤VPFD ≤4.75V
■ M48Z128Y: 4.20V ≤VPFD ≤4.50V
■ BATTERY INTERNALLY ISOLATED UNTIL POWER IS APPLIED
■ PIN and FUNCTION COMPATIBLE with JEDEC STANDARD 128K x 8 SRAMs
■ SURFACE MOUNT CHIP SET PACKAGING INCLUDES a 28-PIN SOIC and a 32-LEAD TSOP (SNAPHAT TOP TO BE ORDERED SEPARATELY)
■ SOIC PACKAGE PROVIDES DIRECT CONNECTION for a SNAPHAT TOP WHICH CONTAINS the BATTERY
■ SNAPHATHOUSING (BATTERY) IS REPLACEABLE




Similar Part No. - M48Z128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z128-120PM1 STMICROELECTRONICS-M48Z128-120PM1 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z128-70PM1 STMICROELECTRONICS-M48Z128-70PM1 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z128-85PM1 STMICROELECTRONICS-M48Z128-85PM1 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
More results


Similar Description - M48Z128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108T STMICROELECTRONICS-M36W108T Datasheet
247Kb / 35P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
May-1999
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
256 Kbit 32Kb x8 ZEROPOWER SRAM
20-Apr-2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
4 Mbit 512Kb x8 ZEROPOWER SRAM
Mar-2000
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com