Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68Z128 Datasheet (PDF) - STMicroelectronics

M68Z128 Datasheet PDF - STMicroelectronics
Part # M68Z128
Download  M68Z128 Download
File Size   95.42 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable

M68Z128 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68Z128 Datasheet PDF - STMicroelectronics

Part # M68Z128
Download  M68Z128 Click to download

File Size   95.42 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable

M68Z128 Datasheet (HTML) - STMicroelectronics


M68Z128 Product details

DESCRIPTION
The M68Z128 is a 1 Mbit (1,048,576 bit) CMOS SRAM, organized as 131,072 words by 8 bits. The device features fully static operation requiring no external clocks or timing strobes, with equal address access and cycle times. It requires a single 5V ±10% supply, and all inputs and outputs are TTL compatible.

■ ULTRA LOW DATA RETENTION CURRENT
    – 10nA (typical)
    – 2.0µA (max)
■ OPERATION VOLTAGE: 5V ±10%
■ 128Kb x 8 VERY FAST SRAM with OUTPUT ENABLE
■ EQUAL CYCLE and ACCESS TIMES: 55ns
■ LOW VCC DATA RETENTION: 2V
■ TRI-STATE COMMON I/O
■ LOW ACTIVE and STANDBY POWER
■ AUTOMATIC POWER-DOWN WHEN DESELECTED
■ INTENDED FOR USE WITH ST ZEROPOWER® AND TIMEKEEPER® CONTROLLERS




Similar Part No. - M68Z128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128W-70N1T STMICROELECTRONICS-M68Z128W-70N1T Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128WN STMICROELECTRONICS-M68Z128WN Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
More results


Similar Description - M68Z128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108T STMICROELECTRONICS-M36W108T Datasheet
247Kb / 35P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
May-1999
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
106Kb / 17P
1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
4 Mbit 512Kb x8 Low Power SRAM with Output Enable
14-Mar-2000
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com