Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68Z128W Datasheet (PDF) - STMicroelectronics

M68Z128W Datasheet PDF - STMicroelectronics
Part # M68Z128W
Download  M68Z128W Download
File Size   96.06 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable

M68Z128W Datasheet (PDF)

Go To PDF Page Download Datasheet
M68Z128W Datasheet PDF - STMicroelectronics

Part # M68Z128W
Download  M68Z128W Click to download

File Size   96.06 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable

M68Z128W Datasheet (HTML) - STMicroelectronics


M68Z128W Product details

DESCRIPTION
The M68Z128W is a 1 Mbit (1,048,576 bit) Fast CMOS SRAM, organized as 131,072 words by 8 bits. The device features fully static operation requiring no external clocks or timing strobes, with equal address access and cycle times. It requires a single 3.0V (+0.6V / –0.3V) supply, and all inputs and outputs are TTL compatible. This device has an automatic power-down feature, reducing the power consumption by over 99% when deselected. The M68Z128W is available in the standard 450mil-wide TSOP type 1 package.

■ LOW VOLTAGE: 3.0V (+0.6V / –0.3V)
■ 128Kb x 8 LOW POWER SRAM with OUTPUT ENABLE
■ EQUAL CYCLE and ACCESS TIMES: 70ns
■ LOW VCC DATA RETENTION: 1.4V
■ TRI-STATE COMMON I/O
■ LOW ACTIVE and STANDBY POWER
■ INTENDED for USE with ST ZEROPOWER® and TIMEKEEPER® CONTROLLERS




Similar Part No. - M68Z128W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128-55N1 STMICROELECTRONICS-M68Z128-55N1 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128N STMICROELECTRONICS-M68Z128N Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
More results


Similar Description - M68Z128W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108T STMICROELECTRONICS-M36W108T Datasheet
247Kb / 35P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
May-1999
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
106Kb / 17P
1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
4 Mbit 512Kb x8 Low Power SRAM with Output Enable
14-Mar-2000
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com