Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03118 Datasheet (PDF) - Premier Farnell Limited.

D03118 Datasheet PDF - Premier Farnell Limited.
Part # D03118
Download  D03118 Download
File Size   119.62 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 36 SWG Sheet & Wire Gauge

D03118 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03118 Datasheet PDF - Premier Farnell Limited.

Part # D03118
Download  D03118 Click to download

File Size   119.62 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 36 SWG Sheet & Wire Gauge

D03118 Datasheet (HTML) - Premier Farnell Limited.


D03118 Product details

Description
Designed for measuring steel wire, hot and cold rolled steel sheet etc also used to check sizes from 0 - 36 gauge Etched markings on both sides of tool.

Features
Stainless Steel sheet and wire gauge
Etched Markings Metric 0-36 SWG
Measures standard wire and sheet sizes
37 Holes




Similar Part No. - D03118

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03110 DURATOOL-D03110 Datasheet
115Kb / 1P
Adjustable Wrench Set 6” & 8” Black Finish
21/07/17 V1.0
logo
Tyco Electronics
D03110-000 MACOM-D03110-000 Datasheet
107Kb / 1P
PolySwitch짰 PTC Devices
logo
Premier Farnell Limited...
D03112 DURATOOL-D03112 Datasheet
104Kb / 1P
Solid Steel Engineer Square
21/07/17 V1.0
D03113 DURATOOL-D03113 Datasheet
98Kb / 1P
1-15mm Metric Bore Gauge 0.1mm Graduations
21/07/17 V1.0
D03114 DURATOOL-D03114 Datasheet
91Kb / 1P
Adjustable Torque Screwdriver
More results


Similar Description - D03118

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-RC3-1A-1E-15000 JAE-FI-RC3-1A-1E-15000 Datasheet
121Kb / 1P
APPLICABLE WIRE: #30~#36 AWG. STANDERD
logo
Molex Electronics Ltd.
63900-3300 MOLEX11-63900-3300 Datasheet
49Kb / 1P
FineAdjust Applicator, 32-36 AWG Wire
63900-3600 MOLEX11-63900-3600 Datasheet
49Kb / 1P
FineAdjust Applicator, 32-36 AWG Wire
130143-0134 MOLEX11-130143-0134 Datasheet
41Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0150 MOLEX11-130143-0150 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SJOW, 2 Pole/3 Wire
130143-0153 MOLEX11-130143-0153 Datasheet
49Kb / 1P
Watertite Cordset 16 Gauge SJOW, 2 Pole/3 Wire
130143-0261 MOLEX11-130143-0261 Datasheet
46Kb / 1P
Watertite Cordset, 10 Gauge SOOW, 2 Pole/3 Wire
logo
TE Connectivity Ltd
C-2213600 TEC-C-2213600 Datasheet
1Mb / 3P
COOL SPLICE ONE POSITION LARGE WIRE GAUGE
logo
Molex Electronics Ltd.
0639003300 MOLEX-0639003300 Datasheet
33Kb / 2P
FineAdjust Applicator, 32-36 AWG Wire
08/26/2022
0639003600 MOLEX-0639003600 Datasheet
32Kb / 1P
FineAdjust Applicator, 32-36 AWG Wire
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com