Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC192XX Datasheet (PDF) - Renesas Technology Corp

RC192XX Datasheet PDF - Renesas Technology Corp
Part # RC192XX
Download  RC192XX Download
File Size   1830.66 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen5/6/7 2-Input Clock Mux Family with LOS

RC192XX Datasheet (PDF)

Go To PDF Page Download Datasheet
RC192XX Datasheet PDF - Renesas Technology Corp

Part # RC192XX
Download  RC192XX Click to download

File Size   1830.66 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen5/6/7 2-Input Clock Mux Family with LOS

RC192XX Datasheet (HTML) - Renesas Technology Corp


RC192XX Product details

▪ 2, 4, 8, or 16 Low-Power (LP) HCSL outputs saves
up to 64 resistors
▪ 2:N or 2 x 1:N/2 modes (N is number of outputs)
▪ 85Ω or 100Ω output impedance
▪ Outputs drive both source-terminated and doubleterminated
loads
▪ Open-drain LOS output
▪ FPS allows inputs and clocks to be applied before
power is applied or power to be applied with no
input clock
▪ ACP cleanly parks outputs in low/low state when
selected input clock is lost
▪ Spread-spectrum tolerant
▪ Up to eight output enable pins
▪ Selectable 4-wire Side-Band-Interface (SBI) for
hardware output enable (RC19208, RC19216)
▪ SMBus write protection features (RC19216)
▪ CLKIN pins directly support HCSL or LVDS
signaling levels
▪ 3 × 3 mm 20-VFQFPN to 6 × 6 mm 80-VFQFPN packages




Similar Part No. - RC192XX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC192XX RENESAS-RC192XX Datasheet
1Mb / 59P
PCIe Gen5/6 2-Input Clock Mux Family with LOS
Nov 17, 2022
RC192XX RENESAS-RC192XX Datasheet
1Mb / 64P
PCIe Gen5/6/7 2-Input Clock Mux Family with LOS
Rev.1.17 Aug 25, 2026
RC192XX RENESAS-RC192XX_V02 Datasheet
1Mb / 64P
PCIe Gen5/6/7 2-Input Clock Mux Family with LOS
Rev.1.17 Aug 25, 2026
More results


Similar Description - RC192XX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DML04 IDT-9DML04 Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
RC190XX RENESAS-RC190XX Datasheet
2Mb / 109P
PCIe Gen5/6 Fanout Buffer Family with LOS
Dec 1, 2022
RC192XX RENESAS-RC192XX Datasheet
1Mb / 59P
PCIe Gen5/6 2-Input Clock Mux Family with LOS
Nov 17, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com