Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03422 Datasheet (PDF) - Premier Farnell Limited.

D03422 Datasheet PDF - Premier Farnell Limited.
Part # D03422
Download  D03422 Download
File Size   172.81 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Automatic Wire Stripper

D03422 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03422 Datasheet PDF - Premier Farnell Limited.

Part # D03422
Download  D03422 Click to download

File Size   172.81 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Automatic Wire Stripper

D03422 Datasheet (HTML) - Premier Farnell Limited.


D03422 Product details

Features
Crimp terminals with and without insulation (10 to 22AWG - 0.5mm - 6mm)
With micro adjustment for greater precision when stripping wire
Jaws with hardness between 55 - 60 HRC
Strips 7 different cable insulators, from 0.2mm - 6mm²
By adjusting the micro adjustment pin, it is possible to control the wire gauge to be stripped
Regulate the pin (-) for thinner cables and (+) for thicker cables. The pliers do not damage the inner part of the wire
Recommended for cutting copper wires
Carbon steel blade




Similar Part No. - D03422

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03420 DURATOOL-D03420 Datasheet
170Kb / 1P
PCB Holder
15/01/21 V1.0
D03423 DURATOOL-D03423 Datasheet
165Kb / 1P
Wire Stripper
15/01/21 V1.0
D03424 DURATOOL-D03424 Datasheet
166Kb / 1P
Cable Cutter Stripper
15/01/21 V1.0
D03425 DURATOOL-D03425 Datasheet
255Kb / 1P
Automatic Wire Stripper & Crimp Set
05/01/21 V1.0
D03426 DURATOOL-D03426 Datasheet
190Kb / 1P
Wire Stripping, Cutting & Crimping Set
15/01/21 V1.0
More results


Similar Description - D03422

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
Manual Wire Stripper
logo
List of Unclassifed Man...
L-4421 ETC2-L-4421 Datasheet
1Mb / 2P
Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
63817-1100 MOLEX-63817-1100 Datasheet
985Kb / 4P
Manual Wire Stripper Tool
05-18-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
Manual Wire Stripper Tool
10-29-10
ATS-638170800 MOLEX-ATS-638170800 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
Micro Precision Wire Stripper
09-19-17
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
Manual Wire Stripper Tool
03-06-18
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com