Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03424 Datasheet (PDF) - Premier Farnell Limited.

D03424 Datasheet PDF - Premier Farnell Limited.
Part # D03424
Download  D03424 Download
File Size   166.93 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Cable Cutter Stripper

D03424 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03424 Datasheet PDF - Premier Farnell Limited.

Part # D03424
Download  D03424 Click to download

File Size   166.93 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Cable Cutter Stripper

D03424 Datasheet (HTML) - Premier Farnell Limited.


D03424 Product details

Features
Adjustable gauge selector
The quick & easy way to strip wire
High precision
Spring loaded action
Overall Length: 4” (100mm)




Similar Part No. - D03424

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03420 DURATOOL-D03420 Datasheet
170Kb / 1P
PCB Holder
15/01/21 V1.0
D03422 DURATOOL-D03422 Datasheet
172Kb / 1P
Automatic Wire Stripper
05/01/21 V1.0
D03423 DURATOOL-D03423 Datasheet
165Kb / 1P
Wire Stripper
15/01/21 V1.0
D03425 DURATOOL-D03425 Datasheet
255Kb / 1P
Automatic Wire Stripper & Crimp Set
05/01/21 V1.0
D03426 DURATOOL-D03426 Datasheet
190Kb / 1P
Wire Stripping, Cutting & Crimping Set
15/01/21 V1.0
More results


Similar Description - D03424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D01021 ETC2-D01021 Datasheet
94Kb / 1P
Cable Stripper Number 4 - 28
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com