Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03426 Datasheet (PDF) - Premier Farnell Limited.

D03426 Datasheet PDF - Premier Farnell Limited.
Part # D03426
Download  D03426 Download
File Size   190.68 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Wire Stripping, Cutting & Crimping Set

D03426 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03426 Datasheet PDF - Premier Farnell Limited.

Part # D03426
Download  D03426 Click to download

File Size   190.68 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Wire Stripping, Cutting & Crimping Set

D03426 Datasheet (HTML) - Premier Farnell Limited.


D03426 Product details

Features
Features metric units of measure
Colour coded crimping tool for insulated and non-insulated connectors (Red, Blue & Yellow)
Crimps 0.75mm - 6mm terminals
PVC handle, designed for a comfortable and sturdy grip
Cuts screw sizes: M.26, M3, M3.5, M4 & M5
Rust-resistant oxide finish
Contains a selection of popular terminals




Similar Part No. - D03426

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03420 DURATOOL-D03420 Datasheet
170Kb / 1P
PCB Holder
15/01/21 V1.0
D03422 DURATOOL-D03422 Datasheet
172Kb / 1P
Automatic Wire Stripper
05/01/21 V1.0
D03423 DURATOOL-D03423 Datasheet
165Kb / 1P
Wire Stripper
15/01/21 V1.0
D03424 DURATOOL-D03424 Datasheet
166Kb / 1P
Cable Cutter Stripper
15/01/21 V1.0
D03425 DURATOOL-D03425 Datasheet
255Kb / 1P
Automatic Wire Stripper & Crimp Set
05/01/21 V1.0
More results


Similar Description - D03426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP550 ETC2-IP550 Datasheet
317Kb / 3P
Cutting-edge SIP feature set meets Polycom HD Voice
logo
PHOENIX CONTACT
QUICK-WIREFOX-6 PHOENIX-QUICK-WIREFOX-6 Datasheet
54Kb / 3P
Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
1200098 PHOENIX-1200098 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET PU
1200099 PHOENIX-1200099 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET STEEL
1207271 PHOENIX-1207271 Datasheet
40Kb / 2P
Cable-cutting tool - CF-10 WHEEL SET
1212093 PHOENIX-1212093 Datasheet
84Kb / 6P
Crimping pliers set - CRIMPFOX-M SET
logo
Weidmuller
9005000000 WEIDMULLER-9005000000 Datasheet
274Kb / 4P
Tools, Stripping and cutting tool
November 9, 2021
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
HARTING Technology Grou...
09-99-000-0990 HARTING-09-99-000-0990 Datasheet
941Kb / 2P
Battery Crimping Tool Set
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com