Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7058 Datasheet (PDF) - Infinite Electronics International, Inc.

SC7058 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC7058
Download  SC7058 Download
File Size   504.38 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable

SC7058 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7058 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC7058
Download  SC7058 Click to download

File Size   504.38 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable

SC7058 Datasheet (HTML) - Infinite Electronics International, Inc.


SC7058 Product details

Features
• Operating Frequency
• of 12.4 GHz Max.
• Good VSWR of 1.28:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC7058

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC705 SEMTECH-SC705 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
logo
Infinite Electronics In...
SC7050 FAIRVIEW-SC7050 Datasheet
505Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 Cable
REV 2.1
SC7052 FAIRVIEW-SC7052 Datasheet
605Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG55 Cable
REV 1A
SC7057 FAIRVIEW-SC7057 Datasheet
516Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable
REV 2.1
SC7059 FAIRVIEW-SC7059 Datasheet
536Kb / 3P
SMA Male (Plug) Connector For RG316, RG174, RG188, LMR-100, LMR-100A, 0.100 inch Cable, Crimp/Solder, Ni Plated Brass Body, Length 0.59 In
REV 2.2A
More results


Similar Description - SC7058

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE51167 PASTERNACK-PE51167 Datasheet
375Kb / 3P
NMO Mount Connector Crimp-Solder Attachment for RG58, LMR-195
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE44829 PASTERNACK-PE44829 Datasheet
260Kb / 3P
UHF Male Connector Solder Attachment For RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45138 PASTERNACK-PE45138 Datasheet
353Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com