Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7050 Datasheet (PDF) - Infinite Electronics International, Inc.

SC7050 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC7050
Download  SC7050 Download
File Size   505.51 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 Cable

SC7050 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7050 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC7050
Download  SC7050 Click to download

File Size   505.51 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 Cable

SC7050 Datasheet (HTML) - Infinite Electronics International, Inc.


SC7050 Product details

Features
• Operating Frequency
• of 12.4 GHz Max.
• Good VSWR of 1.28:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC7050

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC705 SEMTECH-SC705 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
logo
Infinite Electronics In...
SC7052 FAIRVIEW-SC7052 Datasheet
605Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG55 Cable
REV 1A
SC7057 FAIRVIEW-SC7057 Datasheet
516Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable
REV 2.1
SC7058 FAIRVIEW-SC7058 Datasheet
504Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable
REV 2.0
SC7059 FAIRVIEW-SC7059 Datasheet
536Kb / 3P
SMA Male (Plug) Connector For RG316, RG174, RG188, LMR-100, LMR-100A, 0.100 inch Cable, Crimp/Solder, Ni Plated Brass Body, Length 0.59 In
REV 2.2A
More results


Similar Description - SC7050

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4037 PASTERNACK-PE4037 Datasheet
88Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 & RG400
PE4002 PASTERNACK-PE4002 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4576 PASTERNACK-PE4576 Datasheet
206Kb / 2P
SMA Male Connector Crimp/Solder (Captive Contact) Attachment For RG55, RG142, RG223, RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4008 PASTERNACK-PE4008 Datasheet
468Kb / 3P
SMA Male Connector Crimp/Crimp Attachment For RG55, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44595 PASTERNACK-PE44595 Datasheet
223Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44461 PASTERNACK-PE44461 Datasheet
344Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400, RG55
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com