Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7052 Datasheet (PDF) - Infinite Electronics International, Inc.

SC7052 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC7052
Download  SC7052 Download
File Size   605.63 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Crimp/Solder Attachment For RG55 Cable

SC7052 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7052 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC7052
Download  SC7052 Click to download

File Size   605.63 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Crimp/Solder Attachment For RG55 Cable

SC7052 Datasheet (HTML) - Infinite Electronics International, Inc.


SC7052 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC7052

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC705 SEMTECH-SC705 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
logo
Infinite Electronics In...
SC7050 FAIRVIEW-SC7050 Datasheet
505Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 Cable
REV 2.1
SC7057 FAIRVIEW-SC7057 Datasheet
516Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable
REV 2.1
SC7058 FAIRVIEW-SC7058 Datasheet
504Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG58, RG141, RG303, 0.195 inch, LMR-195, LMR- 195-FR Cable
REV 2.0
SC7059 FAIRVIEW-SC7059 Datasheet
536Kb / 3P
SMA Male (Plug) Connector For RG316, RG174, RG188, LMR-100, LMR-100A, 0.100 inch Cable, Crimp/Solder, Ni Plated Brass Body, Length 0.59 In
REV 2.2A
More results


Similar Description - SC7052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4002 PASTERNACK-PE4002 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4576 PASTERNACK-PE4576 Datasheet
206Kb / 2P
SMA Male Connector Crimp/Solder (Captive Contact) Attachment For RG55, RG142, RG223, RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4008 PASTERNACK-PE4008 Datasheet
468Kb / 3P
SMA Male Connector Crimp/Crimp Attachment For RG55, RG142, RG223, RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4587 PASTERNACK-PE4587 Datasheet
104Kb / 1P
SMA MALE, SOLDER ATTACHMENT FOR RG55, RG58, RG142
PE4398 PASTERNACK-PE4398_16 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4401 PASTERNACK-PE4401_16 Datasheet
353Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE44461 PASTERNACK-PE44461 Datasheet
344Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400, RG55
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com