Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA221X Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA221X Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA221X
Download  DIA221X Download
File Size   960.46 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference

DIA221X Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA221X Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA221X
Download  DIA221X Click to download

File Size   960.46 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference

DIA221X Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA221X Product details

 Features
 AEC-Q100 qualified
− Device ambient temperature:
-40°C ≤ TA ≤ 125°C
− Device junction temperature:
-40°C ≤ TJ ≤ 150°C
 Supply voltage of 3 V to 40 V
 Low quiescent current: 470 μA (typ)
 Current sense amplifier
− Low offset voltage of ±0.1 mV (max)
− 1% max total output error over
temperature
− Common-mode voltage of -0.1 V to 75 V
− High slew rate of 3 V/μs
 Options for gain/bandwidth:
− DIA2210: 20 V/V, 440 kHz
− DIA2211: 50 V/V, 110 kHz
− DIA2212: 100 V/V, 65 kHz
 Integrate open-drain comparator with selectable
latch function through controlling
____________
RESET pin
 Internal voltage reference: 0.6 V
 Description
The DIA221X series is a device integrates a high-side
current-sense amplifier, a comparator and a voltage
reference. The wide common-mode voltage range
from -0.1 V to 75 V enables the device to be used in
various applications. The common mode voltage is
independent of the supply voltage. The total output
error is as low as 1% over temperature, which greatly
improves the accuracy and simplifies the design of
system.
The DIA221X series is integrated with an open-drain
comparator and internal reference at 0.6 V voltage.
The comparator includes a latching capability, and
can be made transparent by grounding the
____________
RESET
pin.
The DIA221X series operates from single 3 V to 40 V
supply under -40°C to 125°C, with a maximum supply
current of 620 μA.
 Applications
 Electric power steering (EPS) systems
 Body control modules
 Brake systems
 Electronic stability control (ESC) systems




Similar Part No. - DIA221X

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA2240 DIOO-DIA2240 Datasheet
2Mb / 22P
Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
Apr 2026
DIA2240ACS8 DIOO-DIA2240ACS8 Datasheet
2Mb / 22P
Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
Apr 2026
DIA2240ATP8 DIOO-DIA2240ATP8 Datasheet
2Mb / 22P
Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
Apr 2026
DIA2240BCS8 DIOO-DIA2240BCS8 Datasheet
2Mb / 22P
Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
Apr 2026
DIA2240BTP8 DIOO-DIA2240BTP8 Datasheet
2Mb / 22P
Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
Apr 2026
More results


Similar Description - DIA221X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373 Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
logo
STMicroelectronics
TSC200 STMICROELECTRONICS-TSC200 Datasheet
2Mb / 18P
High voltage, current sense amplifier with open drain comparator and ref
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com