Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5/32 Datasheet (PDF) - ABB

RT5/32 Datasheet PDF - ABB
Part # RT5/32
Download  RT5/32 Download
File Size   91.52 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description RT5/32 Surge Suppressor

RT5/32 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5/32 Datasheet PDF - ABB

Part # RT5/32
Download  RT5/32 Click to download

File Size   91.52 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description RT5/32 Surge Suppressor

RT5/32 Datasheet (HTML) - ABB


RT5/32 Product details

Extended Product Type RT5/32
Product ID 1SBN050020R1000
EAN 3471522121608
Catalog Description RT5/32 Surge Suppressor
Long Description
RT5/32 is a transil diode surge suppressor designed to reduce the maximum
overvoltage peak value and to limit or even completely eliminate the high pre-damping
voltage frequencies, when used or with a DC operated conventional contactor for a
rated control circuit voltage between 12 ... 32 V DC.
The operation of inductive circuits causes overvoltages, in particular on opening of the
contactor coil. The electromagnetic energy stored in the coil during contactor closing
is restored on opening in the form of surges, the slope and amplitude of which may
rise to several kilovolts. A number of drawbacks are observed ranging from
interference on the electronic devices to breakdown of insulators and even destruction
of certain sensitive components.
Advantages:
- the surge suppressor is clipped onto the top or side part in regards with the
contactor or contactor relay base design without change in device overall dimensions.
- good energy absorption - Unpolarized system - Simple, reliable system
- very fast clipping: attenuation of steep fronts and thus of high frequencies. No
operating delays.
Drawback: a certain delay on drop out which does not however reduce contactor
breaking capacity.
General Information




Similar Part No. - RT5/32

ManufacturerPart #DatasheetDescription
logo
Weller Tools
RT5 WELLER-RT5 Datasheet
1Mb / 1P
RT 5 30°
logo
Adam Technologies, Inc.
RT5-12 ADAM-TECH-RT5-12 Datasheet
96Kb / 1P
SIGNAL RELAY
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
50W Triple Output Switching Power Supply
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
Split core type
More results


Similar Description - RT5/32

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
THYRISTOR SURGE SUPPRESSOR
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
120V RV SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
THYRISTOR Surge suppressor
logo
Protek Devices
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
SURGE SUPPRESSOR BRIDGE
TB120S JUXING-TB120S Datasheet
1Mb / 4P
SURGE SUPPRESSOR BRIDGE
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com