Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5/32 Datasheet(PDF) 2 Page - ABB

Part # RT5/32
Description  RT5/32 Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

RT5/32 Datasheet(HTML) 2 Page - ABB

  RT5/32 Datasheet HTML 1Page - ABB RT5/32 Datasheet HTML 2Page - ABB RT5/32 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
85363030
Customs Tariff Number
Dimensions
30.25 mm
Product Net Width
10.5 mm
Product Net Height
32.4 mm
Product Net Depth /
Length
0.015 kg
Product Net Weight
Container Information
blister 2 piece
Package Level 1 Units
65 mm
Package Level 1 Width
12 mm
Package Level 1 Height
96 mm
Package Level 1 Depth /
Length
0.03 kg
Package Level 1 Gross
Weight
3471522121608
Package Level 1 EAN
box 324 piece
Package Level 2 Units
245 mm
Package Level 2 Width
153 mm
Package Level 2 Height
75 mm
Package Level 2 Depth /
Length
4.86 kg
Package Level 2 Gross
Weight
1200 piece
Package Level 3 Units
Environmental
Operation -20 ... +70 °C
Ambient Air
Temperature
Following EU Directive 2002/95/EC August 18, 2005 and amendment
RoHS Status
Additional Information
Clipped onto the top or side part of the contactor or contactor relay base
without change in device overall dimensions.
Mounting Type
2 piece
Order Multiple
Accessories for Block Contactors
Product Main Type
Surge Suppressor
Product Name
DC Operation 12 ... 32 V DC
Rated Control Circuit
Voltage (Uc)
20060502
RoHS Date
ASL09, ASL12, ASL16, VASL09, VASL12, VASL16, NSL, GAE75
Suitable For
Transil diode
Version
Certificates and Declarations (Document Number)
UL_20120523-E312527_1_3
cUL Certificate
1SBC100214C0201
Data Sheet, Technical
Information
1SBD250816U1000
Declaration of
Conformity - CE
1SBD250137E1000
Environmental
Information
2
RT5/32



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com