Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5/32 Datasheet(PDF) 1 Page - ABB

Part # RT5/32
Description  RT5/32 Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

RT5/32 Datasheet(HTML) 1 Page - ABB

  RT5/32 Datasheet HTML 1Page - ABB RT5/32 Datasheet HTML 2Page - ABB RT5/32 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RT5/32 Surge Suppressor
RT5/32
Extended Product Type
RT5/32
Product ID
1SBN050020R1000
EAN
3471522121608
Catalog Description
RT5/32 Surge Suppressor
Long Description
RT5/32 is a transil diode surge suppressor designed to reduce the maximum
overvoltage peak value and to limit or even completely eliminate the high pre-damping
voltage frequencies, when used or with a DC operated conventional contactor for a
rated control circuit voltage between 12 ... 32 V DC. 
The operation of inductive circuits causes overvoltages, in particular on opening of the
contactor coil. The electromagnetic energy stored in the coil during contactor closing
is restored on opening in the form of surges, the slope and amplitude of which may
rise to several kilovolts. A number of drawbacks are observed ranging from
interference on the electronic devices to breakdown of insulators and even destruction
of certain sensitive components.
Advantages:
- the surge suppressor is clipped onto the top or side part in regards with the
contactor or contactor relay base design without change in device overall dimensions. 
- good energy absorption - Unpolarized system - Simple, reliable system
- very fast clipping: attenuation of steep fronts and thus of high frequencies. No
operating delays.
Drawback: a certain delay on drop out which does not however reduce contactor
breaking capacity.
General Information
PRODUCT-DETAILS
Ordering
3210520
E-Number (Sweden)
3471522121608
EAN
2 piece
Minimum Order Quantity


Similar Part No. - RT5/32

ManufacturerPart #DatasheetDescription
logo
Weller Tools
RT5 WELLER-RT5 Datasheet
1Mb / 1P
RT 5 30°
logo
Adam Technologies, Inc.
RT5-12 ADAM-TECH-RT5-12 Datasheet
96Kb / 1P
SIGNAL RELAY
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
50W Triple Output Switching Power Supply
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
Split core type
More results

Similar Description - RT5/32

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
THYRISTOR SURGE SUPPRESSOR
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
120V RV SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
THYRISTOR Surge suppressor
logo
Protek Devices
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
SURGE SUPPRESSOR BRIDGE
TB120S JUXING-TB120S Datasheet
1Mb / 4P
SURGE SUPPRESSOR BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com