Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6406 Datasheet (PDF) - Renesas Technology Corp

FN6406 Datasheet PDF - Renesas Technology Corp
Part # FN6406
Download  FN6406 Download
File Size   887.02 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Differential Receiver/Equalizer

FN6406 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN6406 Datasheet PDF - Renesas Technology Corp

Part # FN6406
Download  FN6406 Click to download

File Size   887.02 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Differential Receiver/Equalizer

FN6406 Datasheet (HTML) - Renesas Technology Corp


FN6406 Product details

• 150MHz -3dB bandwidth
• CAT-5 compensation
- 100MHz at 600ft
- 135MHz at 300ft
• 108mA supply current
• Differential input range: 3.2V
• Common-mode input range: -4V to +3.5V
• ±5V supply
• Output to within 1.5V of supplies
• Available in 28 Ld QFN package
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - FN6406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN60 ETC-FN60 Datasheet
168Kb / 1P
QUADRI FISSI E SEMIAUTOMATICI DI RIFASAMENTO
logo
Renesas Technology Corp
FN6046 RENESAS-FN6046 Datasheet
952Kb / 16P
5V, Low Power, High Speed, RS-485/RS-422 Transceivers
Rev 10.02 Oct 2, 2023
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Tyco Electronics
FN61 MACOM-FN61 Datasheet
47Kb / 3P
High Performance, Low Loss Coaxial Cable
More results


Similar Description - FN6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
Triple Differential Receiver/Equalizer
September 19, 2006
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
Differential Receiver/Equalizer
November 30, 2007
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
Differential Receiver/Equalizer
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com