Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6406 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FN6406 Datasheet HTML 1Page - Renesas Technology Corp FN6406 Datasheet HTML 2Page - Renesas Technology Corp FN6406 Datasheet HTML 3Page - Renesas Technology Corp FN6406 Datasheet HTML 4Page - Renesas Technology Corp FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FN6406 Rev 1.00
Page 2 of 13
Sep 28, 2018
ISL59910, ISL59913
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TAPE AND REEL
(UNITS) (Note 1)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL59910IRZ
59910 CRZ
-
28 Ld QFN
L28.4x5
ISL59910IRZ-T7
59910 CRZ
1k
28 Ld QFN
L28.4x5
ISL59913IRZ
59913 IRZ
-
28 Ld QFN
L28.4x5
ISL59913IRZ-T7
59913 IRZ
1k
28 Ld QFN
L28.4x5
ISL59913IRZ-EVALZ
Evaluation Board
ISL59910IRZ-EVALZ
Evaluation Board
NOTES:
1. Refer to TB347 for details about reel specifications.
2. Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL59910 and ISL59913 product information pages. For more information about MSL, see TB363.
Pinouts
ISL59910
(28 LD QFN)
TOP VIEW
ISL59913
(28 LD QFN)
TOP VIEW
EXPOSED DIEPLATE SHOULD BE CONNECTED TO -5V
THERMAL
PAD
22
21
20
19
18
17
16
1
2
3
4
5
6
7
VSMO_B
VOUT_B
VSPO_B
VSPO_G
VOUT_G
VSMO_G
VSMO_R
VSP
VINM_B
VINP_B
VINM_G
VINP_G
VINM_R
VINP_R
8
15 VSM
VOUT_R
THERMAL
PAD
22
21
20
19
18
17
16
1
2
3
4
5
6
7
VSMO_B
VOUT_B
VSPO_B
VSPO_G
VOUT_G
VSMO_G
VSMO_R
VSP
VINM_B
VINP_B
VINM_G
VINP_G
VINM_R
VINP_R
8
15 VSM
VOUT_R
Pin Descriptions
PIN
NUMBER
ISL59910
ISL59913
PIN NAME
PIN FUNCTION
PIN NAME
PIN FUNCTION
1
VSMO_B
-5V to blue output buffer
VSMO_B
-5V to blue output buffer
2
VOUT_B
Blue output voltage referenced to 0V pin
VOUT_B
Blue output voltage referenced to 0V pin
3
VSPO_B
+5V to blue output buffer
VSPO_B
+5V to blue output buffer
4
VSPO_G
+5V to green output buffer
VSPO_G
+5V to green output buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com