Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6406 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN6406
Description  Triple Differential Receiver/Equalizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6406 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN6406 Datasheet HTML 5Page - Renesas Technology Corp FN6406 Datasheet HTML 6Page - Renesas Technology Corp FN6406 Datasheet HTML 7Page - Renesas Technology Corp FN6406 Datasheet HTML 8Page - Renesas Technology Corp FN6406 Datasheet HTML 9Page - Renesas Technology Corp FN6406 Datasheet HTML 10Page - Renesas Technology Corp FN6406 Datasheet HTML 11Page - Renesas Technology Corp FN6406 Datasheet HTML 12Page - Renesas Technology Corp FN6406 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FN6406 Rev 1.00
Page 11 of 13
Sep 28, 2018
ISL59910, ISL59913
JA required for long term reliable operation can be calculated
using Equation 3:
where
•TJ is the maximum junction temperature (+150°C)
•TA is the maximum ambient temperature (+85°C)
For a QFN 28 package in a properly laid out PCB heatsinking
copper area, +37°C/W
JA thermal resistance can be
achieved. To disperse the heat, the bottom heatspreader must
be soldered to the PCB. Heat flows through the heatspreader
to the circuit board copper, then spreads and converts to air.
Thus the PCB copper plane becomes the heatsink. This has
proven to be a very effective technique.
JA
TJ TA
–

PD
------------------------
=
50.4CW
=
(EQ. 3)
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Sep 28, 2018
FN6406.1
Added Related Literature section.
Moved Pinouts after Ordering Information table.
Updated Ordering Information table by updating brand for ISL59913 parts, adding Notes 1 and 3,
adding Evaluation boards, updating POD number, and updating tape and reel column.
Added Revision History.
Updated disclaimer and moved to end of document.
Updated POD from MDP0046 to L28.4x5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com