Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6046 Datasheet (PDF) - Renesas Technology Corp

FN6046 Datasheet PDF - Renesas Technology Corp
Part # FN6046
Download  FN6046 Download
File Size   952.22 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, Low Power, High Speed, RS-485/RS-422 Transceivers

FN6046 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN6046 Datasheet PDF - Renesas Technology Corp

Part # FN6046
Download  FN6046 Click to download

File Size   952.22 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, Low Power, High Speed, RS-485/RS-422 Transceivers

FN6046 Datasheet (HTML) - Renesas Technology Corp


FN6046 Product details

• Specified for 10% tolerance supplies
• Class 3 ESD protection (HBM) on all pins: 7kV
• High data rates: up to 5Mbps
• Single unit load allows up to 32 devices on the bus
• Low quiescent current: 500μA
• -7V to +12V common-mode input voltage range
• Three state Rx and Tx outputs (except ISL8490)
• 30ns propagation delays, 5ns skew
• Full duplex and half duplex pinouts
• Operation from a single +5V supply (10% tolerance)
• Current limiting and thermal shutdown for driver overload protection
• Pb-free plus anneal (RoHS compliant)




Similar Part No. - FN6046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN60 ETC-FN60 Datasheet
168Kb / 1P
QUADRI FISSI E SEMIAUTOMATICI DI RIFASAMENTO
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
More results


Similar Description - FN6046

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 28, 2006
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com