Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6046 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN6046 Datasheet HTML 1Page - Renesas Technology Corp FN6046 Datasheet HTML 2Page - Renesas Technology Corp FN6046 Datasheet HTML 3Page - Renesas Technology Corp FN6046 Datasheet HTML 4Page - Renesas Technology Corp FN6046 Datasheet HTML 5Page - Renesas Technology Corp FN6046 Datasheet HTML 6Page - Renesas Technology Corp FN6046 Datasheet HTML 7Page - Renesas Technology Corp FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN6046 Rev 10.02
Page 1 of 15
Oct 2, 2023
© 2003-2023 Renesas Electronics
ISL8485, ISL8490, ISL8491
5V, Low Power, High Speed, RS-485/RS-422 Transceivers
DATASHEET
The ISL8485, ISL8490, and ISL8491 RS-485/RS-422
devices are BiCMOS 5V powered, single transceivers that
meet both the RS-485 and RS-422 standards for balanced
communication. Unlike competitive devices, this family is
specified for 10% tolerance supplies (4.5V to 5.5V).
The ISL8485, ISL8490, and ISL8491 feature data rates up to
5Mbps.
All devices present a single unit load to the RS-485 bus,
which allows up to 32 transceivers on the network.
The receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if the Rx inputs are
floating.
The driver (Tx) outputs are short-circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
The ISL8490 and ISL8491 are configured for full duplex
(separate Rx input and Tx output pins) applications. Half
duplex configurations (ISL8485) multiplex the Rx inputs and
Tx outputs to allow transceivers with Rx and Tx disable
functions in 8 Ld packages.
Features
• Specified for 10% tolerance supplies
• Class 3 ESD protection (HBM) on all pins: 7kV
• High data rates: up to 5Mbps
• Single unit load allows up to 32 devices on the bus
• Low quiescent current: 500µA
• -7V to +12V common-mode input voltage range
• Three state Rx and Tx outputs (except ISL8490)
• 30ns propagation delays, 5ns skew
• Full duplex and half duplex pinouts
• Operation from a single +5V supply (10% tolerance)
• Current limiting and thermal shutdown for driver overload
protection
• Pb-free plus anneal (RoHS compliant)
Applications
• Factory automation
• Security networks
• Building environmental control systems
• Industrial/process control networks
• Level translators (for example, RS-232 to RS-422)
• RS-232 “extension cords”


Similar Part No. - FN6046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN60 ETC-FN60 Datasheet
168Kb / 1P
QUADRI FISSI E SEMIAUTOMATICI DI RIFASAMENTO
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
More results

Similar Description - FN6046

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 28, 2006
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com