Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6046 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FN6046 Datasheet HTML 1Page - Renesas Technology Corp FN6046 Datasheet HTML 2Page - Renesas Technology Corp FN6046 Datasheet HTML 3Page - Renesas Technology Corp FN6046 Datasheet HTML 4Page - Renesas Technology Corp FN6046 Datasheet HTML 5Page - Renesas Technology Corp FN6046 Datasheet HTML 6Page - Renesas Technology Corp FN6046 Datasheet HTML 7Page - Renesas Technology Corp FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 2 of 15
Oct 2, 2023
Typical Operating Circuits
ISL8485
ISL8490
ISL8491
To calculate the resistor values, refer to TB509.
5V
RB
RT2
RB
VFS
RO
RE
DE
DI
A/Y
B/Z
1
2
3
4
5
GND
VCC
7
6
8
100nF
RPU
5V
RT1
RO
RE
DE
DI
A/Y
B/Z
1
2
3
4
5
GND
VCC
7
6
8
100nF
RPU
5V
RT
RO
DI
A
B
2
3
GND
VCC
7
8
1
100nF
RT
4
Z
Y5
6
5V
RO
DI
A
B
2
3
GND
VCC
7
8
1
100nF
4
Z
Y
5
6
5V
RO
DI
A
B
2
5
GN D
V CC
11
12
13,14
100nF
6,7
Z
Y9
10
5V
100nF
RE
DE
3
4
RO
DI
A
B
2
5
GN D
V CC
11
10
13,14
6,7
Z
Y
9
12
RE
DE
3
4
R PU
R PU
R B
R T
R B
RB
RT
RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com