Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6046 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN6046 Datasheet HTML 7Page - Renesas Technology Corp FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp FN6046 Datasheet HTML 10Page - Renesas Technology Corp FN6046 Datasheet HTML 11Page - Renesas Technology Corp FN6046 Datasheet HTML 12Page - Renesas Technology Corp FN6046 Datasheet HTML 13Page - Renesas Technology Corp FN6046 Datasheet HTML 14Page - Renesas Technology Corp FN6046 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 11 of 15
Oct 2, 2023
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
518
PROCESS:
Si Gate CMOS
FIGURE 12. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH
FIGURE 13. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW
Typical Performance Curves VCC = 5V, TA = 25°C, ISL8485, ISL8490, ISL8491; unless otherwise specified (Continued)
TIME (10ns/DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
DI
A/Y
RO
0
5
0
5
B/Z
TIME (10ns/DIV)
0
DI
RO
3
4
1
2
0
5
0
5
RDIFF = 54Ω, CL = 100pF
B/Z
A/Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com