Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6046 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN6046 Datasheet HTML 1Page - Renesas Technology Corp FN6046 Datasheet HTML 2Page - Renesas Technology Corp FN6046 Datasheet HTML 3Page - Renesas Technology Corp FN6046 Datasheet HTML 4Page - Renesas Technology Corp FN6046 Datasheet HTML 5Page - Renesas Technology Corp FN6046 Datasheet HTML 6Page - Renesas Technology Corp FN6046 Datasheet HTML 7Page - Renesas Technology Corp FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 3 of 15
Oct 2, 2023
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
NO. OF DEVICES
ALLOWED ON BUS
DATA
RATE
(Mbps)
SLEW-RATE
LIMITED?
RECEIVER/
DRIVER
ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL8485
Half
32
5
No
Yes
500
No
8
ISL8490
Full
32
5
No
No
500
No
8
ISL8491
Full
32
5
No
Yes
500
No
14
Ordering Information
PART NUMBER (Notes 2, 3)
PART MARKING
PACKAGE DESCRIPTION
(RoHS COMPLIANT)
PKG. DWG. #
Carrier Type
(Note 1)
TEMP. RANGE
ISL8485CBZ
8485
CBZ
8 Ld SOIC
M8.15
Tube
0 to +70°C
ISL8485CBZ-T
Reel, 2.5k
ISL8485CPZ (No longer available,
recommended replacement:
ISL8485ECBZ-T)
ISL
8485CPZ
8 Ld PDIP (Note 4)
E8.3
Tube
ISL8485IBZ
8485
IBZ
8 Ld SOIC
M8.15
Tube
-40 to +85°C
ISL8485IBZ-T
Reel, 2.5k
ISL8485IPZ (No longer available,
recommended replacement:
ISL8485EIBZ-T)
ISL
8485IPZ
8 Ld PDIP (Note 4)
E8.3
Tube
ISL8490IBZ
8490
IBZ
8 Ld SOIC
M8.15
Tube
ISL8490IBZ-T
Reel, 2.5k
ISL8491IBZ
8491IBZ
14 Ld SOIC
M14.15
Tube
NOTE:
1. See TB347 for details about reel specifications.
2. Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL8485, ISL8490, and ISL8491 product information pages. For more information about MSL, see
TB363.
4. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com