Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6023 Datasheet (PDF) - Infinite Electronics International, Inc.

SC6023 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC6023
Download  SC6023 Download
File Size   542.93 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Male Connector Crimp/Solder Attachment For RG55, RG142 Cable

SC6023 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC6023 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC6023
Download  SC6023 Click to download

File Size   542.93 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Male Connector Crimp/Solder Attachment For RG55, RG142 Cable

SC6023 Datasheet (HTML) - Infinite Electronics International, Inc.


SC6023 Product details

Features
• Operating Frequency
• of 4 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30µ in. minimum contact plating
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC6023

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6025 FAIRVIEW-SC6025 Datasheet
446Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, RG303, RG141, LMR-195, LMR-195-FR, 0.195 inch Cable
REV 1.1
SC6027 FAIRVIEW-SC6027 Datasheet
286Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment for RG59BU, RG62, RG71 Cable
REV B
SC6029 FAIRVIEW-SC6029 Datasheet
581Kb / 3P
BNC Male (Plug) Connector For RG58, RG141 Cable, Crimp/Solder
REV 1.1B
More results


Similar Description - SC6023

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4397 PASTERNACK-PE4397 Datasheet
111Kb / 1P
BNC FEMALE CRIMP ATTACHMENT FOR RG55 RG142 RG223 RG400
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44514 PASTERNACK-PE44514 Datasheet
296Kb / 2P
QMA Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44595 PASTERNACK-PE44595 Datasheet
223Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE44978 PASTERNACK-PE44978 Datasheet
200Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE4587 PASTERNACK-PE4587 Datasheet
104Kb / 1P
SMA MALE, SOLDER ATTACHMENT FOR RG55, RG58, RG142
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com