Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6027 Datasheet (PDF) - Infinite Electronics International, Inc.

SC6027 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC6027
Download  SC6027 Download
File Size   286.24 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 75 Ohm BNC Male Connector Crimp/Solder Attachment for RG59BU, RG62, RG71 Cable

SC6027 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC6027 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC6027
Download  SC6027 Click to download

File Size   286.24 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 75 Ohm BNC Male Connector Crimp/Solder Attachment for RG59BU, RG62, RG71 Cable

SC6027 Datasheet (HTML) - Infinite Electronics International, Inc.


SC6027 Product details

Features
• Operating Frequency of 1 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
• Applications
• General Purpose Test
• Custom Cable Assemblies
• CATV
• Description
• 75 Ohm BNC Male Standard Connector Crimp/Solder Attachment for RG59BU, RG62 and RG71 Cable, part number SC6027, from Fairview
• Microwave is in-stock and ships same day. This BNC male connector operates up to a maximum frequency of 1 GHz and offers good VSWR
• of 1.3:1.
• Fairview's 75 ohm BNC male connector SC6027 datasheet specifications and outline drawing are shown in this PDF below. Our extensive
• offering of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they
• like. From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector solution
• to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them same-day.




Similar Part No. - SC6027

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6023 FAIRVIEW-SC6023 Datasheet
542Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG142 Cable
REV 1
SC6025 FAIRVIEW-SC6025 Datasheet
446Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, RG303, RG141, LMR-195, LMR-195-FR, 0.195 inch Cable
REV 1.1
SC6029 FAIRVIEW-SC6029 Datasheet
581Kb / 3P
BNC Male (Plug) Connector For RG58, RG141 Cable, Crimp/Solder
REV 1.1B
More results


Similar Description - SC6027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE44627 PASTERNACK-PE44627 Datasheet
206Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE44828 PASTERNACK-PE44828 Datasheet
259Kb / 3P
UHF Male Connector Solder Attachment For RG59, RG62, RG71
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com