Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6029 Datasheet (PDF) - Infinite Electronics International, Inc.

SC6029 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC6029
Download  SC6029 Download
File Size   581.11 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Male (Plug) Connector For RG58, RG141 Cable, Crimp/Solder

SC6029 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC6029 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC6029
Download  SC6029 Click to download

File Size   581.11 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Male (Plug) Connector For RG58, RG141 Cable, Crimp/Solder

SC6029 Datasheet (HTML) - Infinite Electronics International, Inc.


SC6029 Product details

Features
• Operating Frequency
• of 4 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Contact plating according
• to ASTM B488
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC6029

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6023 FAIRVIEW-SC6023 Datasheet
542Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG142 Cable
REV 1
SC6025 FAIRVIEW-SC6025 Datasheet
446Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, RG303, RG141, LMR-195, LMR-195-FR, 0.195 inch Cable
REV 1.1
SC6027 FAIRVIEW-SC6027 Datasheet
286Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment for RG59BU, RG62, RG71 Cable
REV B
More results


Similar Description - SC6029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4716 PASTERNACK-PE4716 Datasheet
241Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG58
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4808 PASTERNACK-PE4808 Datasheet
252Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE4381 PASTERNACK-PE4381 Datasheet
244Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG58 Plenum
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44596 PASTERNACK-PE44596 Datasheet
221Kb / 3P
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4070 PASTERNACK-PE4070 Datasheet
260Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG58
PE44503 PASTERNACK-PE44503 Datasheet
250Kb / 2P
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
PE44506 PASTERNACK-PE44506 Datasheet
212Kb / 2P
QMA Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com