Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4543 Datasheet (PDF) - Renesas Technology Corp

EL4543 Datasheet PDF - Renesas Technology Corp
Part # EL4543
Download  EL4543 Download
File Size   1158.2 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding

EL4543 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4543 Datasheet PDF - Renesas Technology Corp

Part # EL4543
Download  EL4543 Click to download

File Size   1158.2 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding

EL4543 Datasheet (HTML) - Renesas Technology Corp


EL4543 Product details

• Fully differential inputs, outputs, and feedback
• 350MHz -3dB bandwidth
• 1200V/μs slew rate
• -75dB distortion at 5MHz
• Single 5V to 12V operation
• 50mA minimum output current
• Low power - 36mA total typical supply current
• Pb-free available (RoHS compliant)




Similar Part No. - EL4543

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
October 26, 2005
EL4543 INTERSIL-EL4543 Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
EL4543 INTERSIL-EL4543 Datasheet
538Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
September 13, 2007
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Intersil Corporation
EL4543IL INTERSIL-EL4543IL Datasheet
844Kb / 16P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
October 26, 2005
More results


Similar Description - EL4543

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
October 26, 2005
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
10/05-Rev. Sp0 to Rev. A
logo
Intersil Corporation
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
September 13, 2007
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
logo
Analog Devices
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
550MHz Differential Twisted-Pair Driver
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com