Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet (PDF) - SMSC Corporation

LAN9312 Datasheet PDF - SMSC Corporation
Part # LAN9312
Download  LAN9312 Download
File Size   5006.06 Kbytes
Page   458 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface

LAN9312 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9312 Datasheet PDF - SMSC Corporation

Part # LAN9312
Download  LAN9312 Click to download

File Size   5006.06 Kbytes
Page   458 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface

LAN9312 Datasheet (HTML) - SMSC Corporation


LAN9312 Product details

Highlights

High performance and full featured 2 port switch with VLAN, QoS packet prioritization, Rate Limiting, IGMP Snooping and management functions

Easily interfaces to most 32-bit embedded CPU’s

Unique Virtual PHY feature simplifies software development by mimicking the multiple switch ports as a single port MAC/PHY

Integrated IEEE 1588 Hardware Time Stamp Unit



Target Applications

Cable, satellite, and IP set-top boxes

Digital televisions

Digital video recorders

VoIP/Video phone systems

Home gateways

Test/Measurement equipment

Industrial automation systems



Key Benefits

Ethernet Switch Fabric

— 32K buffer RAM

— 1K entry forwarding table

— Port based IEEE 802.1Q VLAN support (16 groups)

         – Programmable IEEE 802.1Q tag insertion/removal

— IEEE 802.1d spanning tree protocol support

— QoS/CoS Packet prioritization

– 4 dynamic QoS queues per port

– Input priority determined by VLAN tag, DA lookup, TOS, DIFFSERV or port default value

– Programmable class of service map based on input priority

– Remapping of 802.1Q priority field on per port basis

– Programmable rate limiting at the ingress/egress ports with random early discard, per port / priority

— IGMP v1/v2/v3 snooping for Multicast packet filtering

— IPV6 Multicast Listener Discovery snoop

— Programmable filter by MAC address „ Switch Management

— Port mirroring/monitoring/sniffing: ingress and/or egress traffic on any ports or port pairs

— Fully compliant statistics (MIB) gathering counters

— Control registers configurable on-the-fly




Similar Part No. - LAN9312

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
More results


Similar Description - LAN9312

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
2-Port Ethernet Switch with Non-PCI Interface
logo
SMSC Corporation
LAN9311 SMSC-LAN9311 Datasheet
5Mb / 459P
Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
2-Port Ethernet Switch with Non-PCI Interface
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
Three Port Ethernet Switch Controller with 32-bit PCI Interface
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com