Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9312 Datasheet HTML 1Page - SMSC Corporation LAN9312 Datasheet HTML 2Page - SMSC Corporation LAN9312 Datasheet HTML 3Page - SMSC Corporation LAN9312 Datasheet HTML 4Page - SMSC Corporation LAN9312 Datasheet HTML 5Page - SMSC Corporation LAN9312 Datasheet HTML 6Page - SMSC Corporation LAN9312 Datasheet HTML 7Page - SMSC Corporation LAN9312 Datasheet HTML 8Page - SMSC Corporation LAN9312 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 458 page
background image
SMSC LAN9312
DATASHEET
Revision 1.2 (04-08-08)
Datasheet
PRODUCT FEATURES
LAN9312
High Performance
Two Port 10/100 Managed
Ethernet Switch with 32-Bit
Non-PCI CPU Interface
Highlights
High performance and full featured 2 port switch with
VLAN, QoS packet prioritization, Rate Limiting, IGMP
Snooping and management functions
Easily interfaces to most 32-bit embedded CPU’s
Unique Virtual PHY feature simplifies software
development by mimicking the multiple switch ports
as a single port MAC/PHY
Integrated IEEE 1588 Hardware Time Stamp Unit
Target Applications
Cable, satellite, and IP set-top boxes
Digital televisions
Digital video recorders
VoIP/Video phone systems
Home gateways
Test/Measurement equipment
Industrial automation systems
Key Benefits
Ethernet Switch Fabric
—
32K buffer RAM
—
1K entry forwarding table
—
Port based IEEE 802.1Q VLAN support (16 groups)
–
Programmable IEEE 802.1Q tag insertion/removal
—
IEEE 802.1d spanning tree protocol support
—
QoS/CoS Packet prioritization
–
4 dynamic QoS queues per port
–
Input priority determined by VLAN tag, DA lookup,
TOS, DIFFSERV or port default value
–
Programmable class of service map based on input
priority
–
Remapping of 802.1Q priority field on per port basis
–
Programmable rate limiting at the ingress/egress
ports with random early discard, per port / priority
—
IGMP v1/v2/v3 snooping for Multicast packet filtering
—
IPV6 Multicast Listener Discovery snoop
—
Programmable filter by MAC address
Switch Management
—
Port mirroring/monitoring/sniffing: ingress and/or egress
traffic on any ports or port pairs
—
Fully compliant statistics (MIB) gathering counters
—
Control registers configurable on-the-fly
Ports
—
2 internal 10/100 PHYs with HP Auto-MDIX support
—
Fully compliant with IEEE 802.3 standards
—
10BASE-T and 100BASE-TX support
—
Full and half duplex support
—
Full duplex flow control
—
Backpressure (forced collision) half duplex flow control
—
Automatic flow control based on programmable levels
—
Automatic 32-bit CRC generation and checking
—
Automatic payload padding
—
2K Jumbo packet support
—
Programmable interframe gap, flow control pause value
—
Full transmit/receive statistics
—
Auto-negotiation
—
Automatic MDI/MDI-X
—
Loop-back mode
High-performance host bus interface
—
Provides in-band network communication path
—
Access to management registers
—
Simple, SRAM-like interface
—
32-bit data bus
—
Big, little, and mixed endian support
—
Large TX and RX FIFO’s for high latency applications
—
Programmable water marks and threshold levels
—
Host interrupt support
IEEE 1588 Hardware Time Stamp Unit
—
Global 64-bit tunable clock
—
Master or slave mode per port
—
Time stamp on TX or RX of Sync and Delay_req
packets per port, Timestamp on GPIO
—
64-bit timer comparator event generation (GPIO or IRQ)
Comprehensive Power Management Features
—
Wake on LAN
—
Wake on link status change (energy detect)
—
Magic packet wakeup
—
Wakeup indicator event signal
Other Features
—
General Purpose Timer
—
Serial EEPROM interface (I2C master or MicrowireTM
master) for non-managed configuration
—
Programmable GPIOs/LEDs
Single 3.3V power supply
Available in Commercial Temp. Range


Similar Part No. - LAN9312

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
More results

Similar Description - LAN9312

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
2-Port Ethernet Switch with Non-PCI Interface
logo
SMSC Corporation
LAN9311 SMSC-LAN9311 Datasheet
5Mb / 459P
Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
2-Port Ethernet Switch with Non-PCI Interface
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
Three Port Ethernet Switch Controller with 32-bit PCI Interface
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com