Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 48 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 44Page - SMSC Corporation LAN9312 Datasheet HTML 45Page - SMSC Corporation LAN9312 Datasheet HTML 46Page - SMSC Corporation LAN9312 Datasheet HTML 47Page - SMSC Corporation LAN9312 Datasheet HTML 48Page - SMSC Corporation LAN9312 Datasheet HTML 49Page - SMSC Corporation LAN9312 Datasheet HTML 50Page - SMSC Corporation LAN9312 Datasheet HTML 51Page - SMSC Corporation LAN9312 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
48
SMSC LAN9312
DATASHEET
The Port 1 & 2 PHY energy-detect events are capable of asserting the PME output by additionally
setting the PME_EN and ED_EN2 (Port 2 PHY) or ED_EN1 (Port 1 PHY) bits of the Power
Management Control Register (PMT_CTRL).
4.3.2
Host MAC Power Management
The Host MAC provides wake-up frame and magic packet detection modes. When enabled in the Host
MAC Wake-up Control and Status Register (HMAC_WUCSR) (via the WUEN bit for wake-up frames,
and the MPEN bit for magic packets), detection of wake-up frames or magic packets causes the WUFR
and MPR bits of the HMAC_WUCSR register to set, respectively. If either of the WUFR and MPR bits
are set, the WOL_STS bit of the Power Management Control Register (PMT_CTRL) will be set. These
events can enable PME output assertion by additionally setting the PME_EN bit of the Power
Management Control Register (PMT_CTRL).
The IRQ interrupt output can be triggered by a wake-up frame or magic packet as described in Section
5.2.6, "Power Management Interrupts," on page 53.
Refer to Section 9.5, "Wake-up Frame Detection," on page 116 and Section 9.5.1, "Magic Packet
Detection," on page 118 for additional details on these features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com