Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 43 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 39Page - SMSC Corporation LAN9312 Datasheet HTML 40Page - SMSC Corporation LAN9312 Datasheet HTML 41Page - SMSC Corporation LAN9312 Datasheet HTML 42Page - SMSC Corporation LAN9312 Datasheet HTML 43Page - SMSC Corporation LAN9312 Datasheet HTML 44Page - SMSC Corporation LAN9312 Datasheet HTML 45Page - SMSC Corporation LAN9312 Datasheet HTML 46Page - SMSC Corporation LAN9312 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
43
Revision 1.2 (04-08-08)
DATASHEET
manual_FC_strap_1
Port 1 Manual Flow Control Enable Strap: Configures the
default value of the Port 1 Full-Duplex Manual Flow Control
Select (MANUAL_FC_1) bit in the Port 1 Manual Flow
Control Register (MANUAL_FC_1). When configured low,
flow control is determined by auto-negotiation (if enabled),
and symmetric PAUSE is advertised (bit 10 of the Port x
PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x) is set).
When configured high, flow control is determined by the
Port 1 Full-Duplex Transmit Flow Control Enable
(TX_FC_1) and Port 1 Full-Duplex Receive Flow Control
Enable (RX_FC_1) bits, and symmetric PAUSE is not
advertised (bit 10 of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x) is cleared).
0b
auto_mdix_strap_2
Port 2 Auto-MDIX Enable Strap: Configures the default
value for the Auto-MDIX functionality on Port 2 when the
AMDIXCTL bit in the Port x PHY Special Control/Status
Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) is cleared.
When configured low, Auto-MDIX is disabled. When
configured high, Auto-MDIX is enabled.
Note:
If AMDIXCTL is set, this strap had no effect.
AUTO_MDIX_2
manual_mdix_strap_2
Port 2 Manual MDIX Strap: Configures MDI(0) or MDIX(1)
for Port 2 when the auto_mdix_strap_2 is low and the
AMDIXCTL bit of the Port x PHY Special Control/Status
Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) is cleared.
0b
autoneg_strap_2
Port 2 Auto Negotiation Enable Strap: Configures the
default value for the Auto-Negotiation (PHY_AN) enable bit
in the PHY_BASIC_CTRL_2 register (See
Section 14.4.2.1). When configured low, auto-negotiation is
disabled. When configured high, auto-negotiation is
enabled.
This strap also affects the default value of the following bits:
PHY_SPEED_SEL_LSB and PHY_DUPLEX bits of the
Port x PHY Basic Control Register
(PHY_BASIC_CONTROL_x)
10BASE-T Full Duplex (bit 6) and 10BASE-T Half Duplex
(bit 5) bits of the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)
MODE[2:0] bits of the Port x PHY Special Modes Register
(PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for
additional information.
1b
Table 4.2 Soft-Strap Configuration Strap Definitions (continued)
STRAP NAME
DESCRIPTION
PIN / DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com