Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 29Page - SMSC Corporation LAN9312 Datasheet HTML 30Page - SMSC Corporation LAN9312 Datasheet HTML 31Page - SMSC Corporation LAN9312 Datasheet HTML 32Page - SMSC Corporation LAN9312 Datasheet HTML 33Page - SMSC Corporation LAN9312 Datasheet HTML 34Page - SMSC Corporation LAN9312 Datasheet HTML 35Page - SMSC Corporation LAN9312 Datasheet HTML 36Page - SMSC Corporation LAN9312 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
33
Revision 1.2 (04-08-08)
DATASHEET
Note: For more information on configuration straps, refer to Section 4.2.4, "Configuration Straps," on
page 40. Additional strap pins, which share functionality with the EEPROM pins, are described
in Table 3.5.
Note 3.6
Configuration strap values are latched on power-on reset or nRST de-assertion.
Configuration strap pins are identified by an underlined symbol name. Some configuration
straps can be overridden by values from the EEPROM Loader. Refer to Section 4.2.4,
"Configuration Straps," on page 40 for more information.
69
Port 1 Auto-
MDIX Enable
Strap
AUTO_MDIX_1
IS
(PU)
Port 1 Auto-MDIX Enable Strap: Configures the
Auto-MDIX functionality on Port 1. When latched
low, Auto-MDIX is disabled. When latched high,
Auto-MDIX is enabled.
See Note 3.6.
70
Port 2 Auto-
MDIX Enable
Strap
AUTO_MDIX_2
IS
(PU)
Port 2 Auto-MDIX Enable Strap: Configures the
Auto-MDIX functionality on Port 2. When latched
low, Auto-MDIX is disabled. When latched high,
Auto-MDIX is enabled.
See Note 3.6.
Table 3.7 Miscellaneous Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
77-79,
82
General
Purpose I/O
Data
GPIO[11:8]
IS/OD12/
O12
(PU)
Note 3.7
General Purpose I/O Data: These general
purpose signals are fully programmable as either
push-pull outputs, open-drain outputs, or Schmitt-
triggered inputs by writing the General Purpose I/O
Configuration Register (GPIO_CFG) and General
Purpose I/O Data & Direction Register
(GPIO_DATA_DIR). For more information, refer to
Chapter 13, "GPIO/LED Controller," on page 162.
Note:
The remaining GPIO[7:0] pins share
functionality with the LED output pins, as
described in Table 3.1 and Table 3.2.
63
Interrupt
Output
IRQ
O8/OD8
Interrupt Output: Interrupt request output. The
polarity, source and buffer type of this signal is
programmable via the Interrupt Configuration
Register (IRQ_CFG). For more information, refer to
Chapter 5, "System Interrupts," on page 49.
71
System Reset
Input
nRST
IS
(PU)
System Reset Input: This active low signal allows
external hardware to reset the LAN9312. The
LAN9312 also contains an internal power-on reset
circuit. Thus, this signal may be left unconnected if
an external hardware reset is not needed. When
used, this signal must adhere to the reset timing
requirements as detailed in Section 15.5.2, "Reset
and Configuration Strap Timing," on page 445.
Note:
The LAN9312 must always be read at
least once after power-up or reset to
ensure that write operations function
properly.
Table 3.6 Dedicated Configuration Strap Pins (continued)
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com