Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 52 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 48Page - SMSC Corporation LAN9312 Datasheet HTML 49Page - SMSC Corporation LAN9312 Datasheet HTML 50Page - SMSC Corporation LAN9312 Datasheet HTML 51Page - SMSC Corporation LAN9312 Datasheet HTML 52Page - SMSC Corporation LAN9312 Datasheet HTML 53Page - SMSC Corporation LAN9312 Datasheet HTML 54Page - SMSC Corporation LAN9312 Datasheet HTML 55Page - SMSC Corporation LAN9312 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
52
SMSC LAN9312
DATASHEET
5.2.3
Ethernet PHY Interrupts
The Port 1 and Port 2 PHYs each provide a set of identical interrupt sources. The top-level PHY_INT1
(bit 26) and PHY_INT2 (bit 27) of the Interrupt Status Register (INT_STS) provides indication that a
PHY interrupt event occurre d i n the Port x PHY Interrupt Source Flags R egister
(PHY_INTERRUPT_SOURCE_x).
Port 1 and Port 2 PHY interrupts are enabled/disabled via their respective Port x PHY Interrupt Mask
Register (PHY_INTERRUPT_MASK_x). The source of a PHY interrupt can be determined and cleared
via the Port x PHY Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x). The Port 1 and
Port 2 PHYs are each capable of generating unique interrupts based on the following events:
ENERGYON Activated
Auto-Negotiation Complete
Remote Fault Detected
Link Down (Link Status Negated)
Auto-Negotiation LP Acknowledge
Parallel Detection Fault
Auto-Negotiation Page Received
In order for a Port 1 or Port 2 interrupt event to trigger the external IRQ interrupt pin, the desired PHY
interrupt event must be enabled in the corresponding Port x PHY Interrupt Mask Register
(PHY_INTERRUPT_MASK_x), the PHY_INT1(Port 1 PHY) and/or PHY_INT2(Port 2 PHY) bits of the
Interrupt Enable Register (INT_EN) must be set, and IRQ output must be enabled via bit 8 (IRQ_EN)
of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the Ethernet PHY interrupts, refer to Section 7.2.8.1, "PHY Interrupts," on
page 94.
5.2.4
GPIO Interrupts
Each GPIO[11:0] of the LAN9312 is provided with its own interrupt. The top-level GPIO (bit 12) of the
Interrupt Status Register (INT_STS) provides indication that a GPIO interrupt event occurred in the
General Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN). The General
Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN) provides enabling/disabling
and status of each GPIO[11:0] interrupt.
In order for a GPIO interrupt event to trigger the external IRQ interrupt pin, the desired GPIO interrupt
must be enabled in the General Purpose I/O Interrupt Stat us and Enable Regist er
(GPIO_INT_STS_EN), bit 12 (GPIO_EN) of the Interrupt Enable Register (INT_EN) must be set, and
IRQ output must be enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the GPIO interrupts, refer to Section 13.2.2, "GPIO Interrupts," on page 163.
5.2.5
Host MAC Interrupts
The top-level Interrupt Status Register (INT_STS), and Interrupt Enable Register (INT_EN) provide the
status and enabling/disabling of multiple Host MAC related interrupts. All Host MAC interrupts are
monitored and configured directly within these two registers. The following Host MAC related interrupt
events are supported:
TX Stopped
RX Stopped
RX Dropped Frame Counter Halfway
TX IOC
RX DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com