Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 73 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 69Page - SMSC Corporation LAN9312 Datasheet HTML 70Page - SMSC Corporation LAN9312 Datasheet HTML 71Page - SMSC Corporation LAN9312 Datasheet HTML 72Page - SMSC Corporation LAN9312 Datasheet HTML 73Page - SMSC Corporation LAN9312 Datasheet HTML 74Page - SMSC Corporation LAN9312 Datasheet HTML 75Page - SMSC Corporation LAN9312 Datasheet HTML 76Page - SMSC Corporation LAN9312 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
73
Revision 1.2 (04-08-08)
DATASHEET
The ingress flow calculation is based on the packet type and the device configuration as shown in
Figure 6.8.
Figure 6.7 Switch Engine Ingress Flow Priority Selection
Figure 6.8 Switch Engine Ingress Flow Priority Calculation
Programmable
DIFFSERV Table
Programmable
Port Default
Table
3b
3b
2b
6b
3b
Packet is Tagged
VL Higher Priority
Packet is IPv 4
Packet is IP
Use Precedence
Use IP
IPv4(TOS)
IPv6(TC)
flow priority
Source Port
VLAN Priority
IPv4 Precedence
3b
3b
VLAN Enable
Priority
Calculation
Packet is from Host
Flow Priority =
VLAN Priority
N
Packet is IPv 4/v6
& Use IP
Flow Priority =
IP Precedence
Y
Use Precedence
Y
N
Flow Priority =
DIFFSERV[TC]
N
Y
Vlan Enable &
Packet is
Tagged
Y
N
N
Flow Priority =
Default Priority[Source
Port]
Packet is IPv 4
Flow Priority =
DIFFSERV[TOS]
Y
N
Get Flow Priority Done
VL Higher
Priority
Vlan Enable &
Packet is
Tagged
N
Y
Get Flow Priority
Packet from Host
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com