Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 25Page - SMSC Corporation LAN9312 Datasheet HTML 26Page - SMSC Corporation LAN9312 Datasheet HTML 27Page - SMSC Corporation LAN9312 Datasheet HTML 28Page - SMSC Corporation LAN9312 Datasheet HTML 29Page - SMSC Corporation LAN9312 Datasheet HTML 30Page - SMSC Corporation LAN9312 Datasheet HTML 31Page - SMSC Corporation LAN9312 Datasheet HTML 32Page - SMSC Corporation LAN9312 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
29
Revision 1.2 (04-08-08)
DATASHEET
Note 3.1
The pin names for the twisted pair pins apply to a normal connection. If HP Auto-MDIX is
enabled and a reverse connection is detected or manually selected, the RX and TX pins
will be swapped internally.
Note 3.2
The pin names for the twisted pair pins apply to a normal connection. If HP Auto-MDIX is
enabled and a reverse connection is detected or manually selected, the RX and TX pins
will be swapped internally.
Table 3.2 LAN Port 2 Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
83-86
Port 2 LED
Indicators
nP2LED[3:0]
OD12
LED indicators: When configured as LED outputs
via the LED Configuration Register (LED_CFG),
these pins are open-drain, active low outputs and
the pull-ups and input buffers are disabled. The
functionality of each pin is determined via the
LED_CFG[9:8] bits.
General
Purpose I/O
Data
GPIO[7:4]
IS/O12/
OD12
(PU)
General Purpose I/O Data: When configured as
GPIO via the LED Configuration Register
(LED_CFG), these general purpose signals are
fully programmable as either push-pull outputs,
open-drain outputs or Schmitt-triggered inputs by
writing the General Purpose I/O Configuration
Register (GPIO_CFG) and General Purpose I/O
Data & Direction Register (GPIO_DATA_DIR). The
pull-ups are enabled in GPIO mode. The input
buffers are disabled when set as an output.
Note:
See Chapter 13, "GPIO/LED Controller,"
on page 162 for additional details.
127
Port 2
Ethernet TX
Negative
TXN2
AIO
Ethernet TX Negative: Negative output of Port 2
Ethernet transmitter. See Note 3.2 for additional
information.
126
Port 2
Ethernet TX
Positive
TXP2
AIO
Ethernet TX Positive: Positive output of Port 2
Ethernet transmitter. See Note 3.2 for additional
information.
124
Port 2
Ethernet RX
Negative
RXN2
AIO
Ethernet RX Negative: Negative input of Port 2
Ethernet receiver. See Note 3.2 for additional
information.
123
Port 2
Ethernet RX
Positive
RXP2
AIO
Ethernet RX Positive: Positive input of Port 2
Ethernet receiver. See Note 3.2 for additional
information.
Table 3.3 LAN Port 1 & 2 Power and Common Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
119
Bias
Reference
EXRES
AI
Bias Reference: Used for internal bias circuits.
Connect to an external 12.4K ohm, 1% resistor to
ground.
114,117
+3.3V Port 1
Analog Power
Supply
VDD33A1
P
+3.3V Port 1 Analog Power Supply
Refer to the LAN9312 application note for
additional connection information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com