Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 53 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 49Page - SMSC Corporation LAN9312 Datasheet HTML 50Page - SMSC Corporation LAN9312 Datasheet HTML 51Page - SMSC Corporation LAN9312 Datasheet HTML 52Page - SMSC Corporation LAN9312 Datasheet HTML 53Page - SMSC Corporation LAN9312 Datasheet HTML 54Page - SMSC Corporation LAN9312 Datasheet HTML 55Page - SMSC Corporation LAN9312 Datasheet HTML 56Page - SMSC Corporation LAN9312 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
53
Revision 1.2 (04-08-08)
DATASHEET
TX Status FIFO Overflow
Receive Watchdog Time-Out
Receiver Error
Transmitter Error
TX Data FIFO Underrun
TX Data FIFO Overrun
TX Data FIFO Available
TX Status FIFO Full
TX Status FIFO Level
RX Dropped Frame
RX Data FIFO Level
RX Status FIFO Full
RX Status FIFO Level
In order for a Host MAC interrupt event to trigger the external IRQ interrupt pin, the desired Host MAC
interrupt event must be enabled in the Interrupt Enable Register (INT_EN), and IRQ output must be
enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG).
Refer to the Interrupt Status Register (INT_STS) on page 174 and Chapter 9, "Host MAC," on page 112
for additional information on bit definitions and Host MAC operation.
5.2.6
Power Management Interrupts
Multiple Power Management Event interrupt sources are provided by the LAN9312. The top-level
PME_INT (bit 17) of the Interrupt Status Register (INT_STS) provides indication that a Power
Management interrupt event occurred in the Power Management Control Register (PMT_CTRL).
The Power Management Control Register (PMT_CTRL) provides enabling/disabling and status of all
Power Management conditions. These include energy-detect on the Port 1/2 PHYs, and Wake-On-LAN
(wake-up frame or magic packet) detection by the Host MAC.
In order for a Power Management interrupt event to trigger the external IRQ interrupt pin, the desired
Power Management interrupt event must be enabled in the Power Management Control Register
(PMT_CTRL) (bits 15, 14, and/or 9), bit 17 (PME_INT_EN) of the Interrupt Enable Register (INT_EN)
must be set, and IRQ output must be enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register
(IRQ_CFG).
For additional details on power management, refer to Section 4.3, "Power Management," on page 46.
5.2.7
General Purpose Timer Interrupt
A General Purpose Timer (GPT) interrupt is provided in the top-level Interrupt Status Register
(INT_STS) and Interrupt Enable Register (INT_EN) (bit 19). This interrupt is issued when the General
Purpose Timer Configuration Register (GPT_CFG) wraps past zero to FFFFh, and is cleared when bit
19 of the Interrupt Status Register (INT_STS) is written with 1.
In order for a General Purpose Timer interrupt event to trigger the external IRQ interrupt pin, the GPT
must be enabled via the bit 29 (TIMER_EN) in the General Purpose Timer Configuration Register
(GPT_CFG), bit 19 of the Interrupt Enable Register (INT_EN) must be set, and IRQ output must be
enabled via bit 8 (IRQ_EN) of the Interrupt Configuration Register (IRQ_CFG).
For additional details on the General Purpose Timer, refer to Section 12.1, "General Purpose Timer,"
on page 161.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com