Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 16 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 12Page - SMSC Corporation LAN9312 Datasheet HTML 13Page - SMSC Corporation LAN9312 Datasheet HTML 14Page - SMSC Corporation LAN9312 Datasheet HTML 15Page - SMSC Corporation LAN9312 Datasheet HTML 16Page - SMSC Corporation LAN9312 Datasheet HTML 17Page - SMSC Corporation LAN9312 Datasheet HTML 18Page - SMSC Corporation LAN9312 Datasheet HTML 19Page - SMSC Corporation LAN9312 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
16
SMSC LAN9312
DATASHEET
Chapter 1 Preface
1.1
General Terms
100BT
100BASE-T (100Mbps Fast Ethernet, IEEE 802.3u)
ADC
Analog-to-Digital Converter
ALR
Address Logic Resolution
BLW
Baseline Wander
BM
Buffer Manager - Part of the switch fabric
BPDU
Bridge Protocol Data Unit - Messages which carry the Spanning Tree
Protocol information
Byte
8-bits
CSMA/CD
Carrier Sense Multiple Access / Collision Detect
CSR
Control and Status Registers
CTR
Counter
DA
Destination Address
DWORD
32-bits
EPC
EEPROM Controller
FCS
Frame Check Sequence - The extra checksum characters added to the end
of an Ethernet frame, used for error detection and correction.
FIFO
First In First Out buffer
FSM
Finite State Machine
GPIO
General Purpose I/O
HBI
Host Bus Interface. The physical bus connecting the LAN9312 to the host.
Also referred to as the Host Bus.
HBIC
Host Bus Interface Controller. The hardware module that interfaces the
LAN9312 to the HBI.
Host
External system (Includes processor, application software, etc.)
IGMP
Internet Group Management Protocol
Inbound
Refers to data input to the LAN9312 from the host
Level-Triggered Sticky Bit
This type of status bit is set whenever the condition that it represents is
asserted. The bit remains set until the condition is no longer true, and the
status bit is cleared by writing a zero.
lsb
Least Significant Bit
LSB
Least Significant Byte
MDI
Medium Dependant Interface
MDIX
Media Independent Interface with Crossover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com