Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 27Page - SMSC Corporation LAN9312 Datasheet HTML 28Page - SMSC Corporation LAN9312 Datasheet HTML 29Page - SMSC Corporation LAN9312 Datasheet HTML 30Page - SMSC Corporation LAN9312 Datasheet HTML 31Page - SMSC Corporation LAN9312 Datasheet HTML 32Page - SMSC Corporation LAN9312 Datasheet HTML 33Page - SMSC Corporation LAN9312 Datasheet HTML 34Page - SMSC Corporation LAN9312 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
31
Revision 1.2 (04-08-08)
DATASHEET
Note: Refer to Chapter 8, "Host Bus Interface (HBI)," on page 99 for additional information regarding
the use of these signals.
60
Data FIFO
Direct Access
Select
FIFO_SEL
IS
Data FIFO Direct Access Select: When driven
high, all accesses to the LAN9312 are directed to
the RX and TX Data FIFO’s. All reads are from the
RX Data FIFO, and all writes are to the TX Data
FIFO. In this mode, the address input is ignored.
Refer to Section 14.1.3, "Direct FIFO Access
Mode," on page 167 for additional information.
61
Endianess
Select
END_SEL
IS
Endianess Select: When this signal is set high,
big endian mode is selected. When low, little
endian mode is selected. This signal may be
dynamically changed or held static. Refer to
Chapter 8, "Host Bus Interface (HBI)," on page 99
for additional information.
Table 3.5 EEPROM Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
96
EEPROM
Microwire
Data Input
EEDI
IS
(PD)
EEPROM Microwire Data Input (EEDI): In
Microwire EEPROM mode (EEPROM_TYPE = 0),
this pin is the Microwire EEPROM serial data input.
EEPROM I2C
Serial Data
Input/Output
EE_SDA
IS/OD8
EEPROM I2C Serial Data Input/Output
(EE_SDA): In I2C EEPROM mode
(EEPROM_TYPE = 1), this pin is the I2C EEPROM
serial data input/output.
98
EEPROM
Microwire
Data Output
EEDO
O8
EEPROM Microwire Data Output: In Microwire
EEPROM mode (EEPROM_TYPE = 0), this pin is
the Microwire EEPROM serial data output.
Note:
In I2C mode (EEPROM_TYPE=1), this pin
is not used and is driven low.
EEPROM
Type Strap
EEPROM_TYPE
IS
Note 3.3
EEPROM Type Strap: Configures the EEPROM
type. See Note 3.4
0 = Microwire Mode
1 = I2C Mode
99
EEPROM
Microwire
Serial Clock
EECLK
O8
EEPROM Microwire Serial Clock (EECLK): In
Microwire EEPROM mode (EEPROM_TYPE = 0),
this pin is the Microwire EEPROM clock output.
EEPROM I2C
Serial Clock
EE_SCL
IS/OD8
EEPROM I2C Serial Clock (EE_SCL): In I2C
EEPROM mode (EEPROM_TYPE=1), this pin is
the I2C EEPROM clock input/open-drain output.
EEPROM
Size Strap 1
EEPROM_SIZE_1
IS
Note 3.5
EEPROM Size Strap 1: Configures the high bit of
the EEPROM size range as specified in Section
10.2, "I2C/Microwire Master EEPROM Controller,"
on page 137. This bit is not used for I2C
EEPROMs. See Note 3.4.
Table 3.4 Host Bus Interface Pins (continued)
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com