Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 55 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 51Page - SMSC Corporation LAN9312 Datasheet HTML 52Page - SMSC Corporation LAN9312 Datasheet HTML 53Page - SMSC Corporation LAN9312 Datasheet HTML 54Page - SMSC Corporation LAN9312 Datasheet HTML 55Page - SMSC Corporation LAN9312 Datasheet HTML 56Page - SMSC Corporation LAN9312 Datasheet HTML 57Page - SMSC Corporation LAN9312 Datasheet HTML 58Page - SMSC Corporation LAN9312 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
55
Revision 1.2 (04-08-08)
DATASHEET
Chapter 6 Switch Fabric
6.1
Functional Overview
At the core of the LAN9312 is the high performance, high efficiency 3 port Ethernet switch fabric. The
switch fabric contains a 3 port VLAN layer 2 switch engine that supports untagged, VLAN tagged, and
priority tagged frames. The switch fabric provides an extensive feature set which includes spanning
tree protocol support, multicast packet filtering and Quality of Service (QoS) packet prioritization by
VLAN tag, destination address, port default value or DIFFSERV/TOS, allowing for a range of
prioritization implementations. 32K of buffer RAM allows for the storage of multiple packets while
forwarding operations are completed, and a 1K entry forwarding table provides room for MAC address
forwarding tables. Each port is allocated a cluster of 4 dynamic QoS queues which allow each queue
size to grow and shrink with traffic, effectively utilizing all available memory. This memory is managed
dynamically via the buffer manager block within the switch fabric. All aspects of the switch fabric are
managed via the switch fabric configuration and status registers (CSR), which are indirectly accessible
via the memory mapped system control and status registers.
The switch fabric consists of four major block types:
Switch Fabric CSRs - These registers provide access to various switch fabric parameters for
configuration and monitoring.
10/100 Ethernet MACs - A total of three MACs are included in the switch fabric which provide basic
10/100 Ethernet functionality for each switch fabric port.
Switch Engine (SWE) - This block is the core of the switch fabric and provides VLAN layer 2
switching for all three switch ports.
Buffer Manager (BM) - This block provides control of the free buffer space, transmit queues, and
scheduling.
Refer to Figure 2.1 Internal LAN9312 Block Diagram on page 21 for details on the interconnection of
the switch fabric blocks within the LAN9312.
6.2
Switch Fabric CSRs
The switch fabric CSRs provide register level access to the various parameters of the switch fabric.
Switch fabric related registers can be classified into two main categories based upon their method of
access: direct and indirect.
The directly accessible switch fabric registers are part of the main system CSRs of the LAN9312 and
are detailed in Section 14.2.6, "Switch Fabric," on page 229. These registers provide switch fabric
manual flow control (Ports 0-2), data/command registers (for access to the indirect switch fabric
registers), and switch MAC address configuration.
The indirectly accessible switch fabric registers reside within the switch fabric and must be accessed
indirectly via the Switch Fabric CSR Interface Data Register (SWITCH_CSR_DATA) and Switch Fabric
CSR Interface Command Register (SWITCH_CSR_CMD), or the set of Switch Fabric CSR Interface
Direct Data Register (SWITCH_CSR_DIRECT_DATA). The indirectly accessible switch fabric CSRs
provide full access to the many configurable parameters of the switch engine, buffer manager, and
each switch port. The switch fabric CSRs are detailed in Section 14.5, "Switch Fabric Control and
Status Registers," on page 308.
For detailed descriptions of all switch fabric related registers, refer to Chapter 14, "Register
Descriptions," on page 166.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com