Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 54 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 50Page - SMSC Corporation LAN9312 Datasheet HTML 51Page - SMSC Corporation LAN9312 Datasheet HTML 52Page - SMSC Corporation LAN9312 Datasheet HTML 53Page - SMSC Corporation LAN9312 Datasheet HTML 54Page - SMSC Corporation LAN9312 Datasheet HTML 55Page - SMSC Corporation LAN9312 Datasheet HTML 56Page - SMSC Corporation LAN9312 Datasheet HTML 57Page - SMSC Corporation LAN9312 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
54
SMSC LAN9312
DATASHEET
5.2.8
Software Interrupt
A general purpose software interrupt is provided in the top level Interrupt Status Register (INT_STS)
and Interrupt Enable Register (INT_EN). The SW_INT interrupt (bit 31) of the Interrupt Status Register
(INT_STS) is generated when SW_INT_EN (bit 31) of the Interrupt Enable Register (INT_EN) is set.
This interrupt provides an easy way for software to generate an interrupt, and is designed for general
software usage.
5.2.9
Device Ready Interrupt
A device ready interrupt is provided in the top-level Interrupt Status Register (INT_STS) and Interrupt
Enable Register (INT_EN). The READY interrupt (bit 30) of the Interrupt Status Register (INT_STS)
indicates that the LAN9312 is ready to be accessed after a power-up or reset condition. Writing a 1 to
this bit in the Interrupt Status Register (INT_STS) will clear it.
In order for a device ready interrupt event to trigger the external IRQ interrupt pin, bit 30 of the Interrupt
Enable Register (INT_EN) must be set, and IRQ output must be enabled via bit 8 (IRQ_EN) of the
Interrupt Configuration Register (IRQ_CFG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com