Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 28Page - SMSC Corporation LAN9312 Datasheet HTML 29Page - SMSC Corporation LAN9312 Datasheet HTML 30Page - SMSC Corporation LAN9312 Datasheet HTML 31Page - SMSC Corporation LAN9312 Datasheet HTML 32Page - SMSC Corporation LAN9312 Datasheet HTML 33Page - SMSC Corporation LAN9312 Datasheet HTML 34Page - SMSC Corporation LAN9312 Datasheet HTML 35Page - SMSC Corporation LAN9312 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
32
SMSC LAN9312
DATASHEET
Note 3.3
The IS buffer type is valid only during the time specified in Section 15.5.2, "Reset and
Configuration Strap Timing," on page 445.
Note 3.4
Configuration strap values are latched on power-on reset or nRST de-assertion.
Configuration strap pins are identified by an underlined symbol name. Refer to Section
4.2.4, "Configuration Straps," on page 40 for more information.
Note 3.5
The IS buffer type is valid only during the time specified in Section 15.5.2, "Reset and
Configuration Strap Timing," on page 445 and when in I2C mode.
101
EEPROM
Microwire
Chip Select
EECS
O8
EEPROM Microwire Chip Select: In Microwire
EEPROM mode (EEPROM_TYPE = 0), this pin is
the Microwire EEPROM chip select output.
Note:
In I2C mode (EEPROM_TYPE=1), this pin
is not used and is driven low.
EEPROM
Size Strap 0
EEPROM_SIZE_0
IS
Note 3.3
EEPROM Size Strap 0: Configures the low bit of
the EEPROM size range as specified in Section
10.2, "I2C/Microwire Master EEPROM Controller,"
on page 137. See Note 3.4.
Table 3.6 Dedicated Configuration Strap Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
67
LED Enable
Strap
LED_EN
IS
(PU)
LED Enable Strap: Configures the default value
for the LED_EN bits in the LED Configuration
Register (LED_CFG). When latched low, all 8
LED/GPIO pins are configured as GPIOs. When
latched high, all 8 LED/GPIO pins are configured
as LEDs. See Note 3.6.
68
PHY Address
Strap
PHY_ADDR_SEL
IS
(PU)
PHY Address Select Strap: Configures the default
MII management address values for the PHYs
(Virtual, Port 1, and Port 2) as detailed in Section
7.1.1, "PHY Addressing," on page 82.
See Note 3.6.
Table 3.5 EEPROM Pins (continued)
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
0
01
2
1
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com