Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 52Page - SMSC Corporation LAN9312 Datasheet HTML 53Page - SMSC Corporation LAN9312 Datasheet HTML 54Page - SMSC Corporation LAN9312 Datasheet HTML 55Page - SMSC Corporation LAN9312 Datasheet HTML 56Page - SMSC Corporation LAN9312 Datasheet HTML 57Page - SMSC Corporation LAN9312 Datasheet HTML 58Page - SMSC Corporation LAN9312 Datasheet HTML 59Page - SMSC Corporation LAN9312 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
56
SMSC LAN9312
DATASHEET
6.2.1
Switch Fabric CSR Writes
To perform a write to an individual switch fabric register, the desired data must first be written into the
Switch Fabric CSR Interface Data Register (SWITCH_CSR_DATA). The write cycle is initiated by
pe rfo r mi ng a si ngl e write to the Sw itch Fab r i c C S R Interface C o mmand Re gister
(SWITCH_CSR_CMD) with CSR_BUSY (bit 31) set, the CSR_ADDRESS field (bits 15:0) set to the
desired register address, the R_nW (bit 30) cleared, the AUTO_INC and AUTO_DEC fields cleared,
and the desired CSR byte enable bits selected (bits 19:16). The completion of the write cycle is
indicated by the clearing of the CSR_BUSY bit.
A second write method may be used which utilizes the auto increment/decrement function of the
Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD) for writing sequential register
addresses. When using this method, the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD) must first be written with the auto increment(AUTO_INC) or auto
decrement(AUTO_DEC) bit set, the CSR_ADDRESS field written with the desired register address, the
R_nW bit cleared, and the desired CSR byte enable bits selected (typically all set). The write cycles
are then initiated by writing the desired data into the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA). The completion of the write cycle is indicated by the clearing of the
CSR_BUSY bit, at which time the address in the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD) is incremented or decremented accordingly. The user may then initiate a
subsequent write cycle by writing the desired data into the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA).
The third write method is to use the direct data range write function. Writes within the Switch Fabric
CSR Interface Direct Data Register (SWITCH_CSR_DIRECT_DATA) address range automatically set
the appropriate register address, set all four byte enable bits (CSR_BE[3:0]), clears the R_nW bit, and
set s the CSR_BUSY bit of the Sw i t ch Fa bri c C S R In terf ace C o mm an d Re gi ste r
(SWITCH_CSR_CMD). The completion of the write cycle is indicated by the clearing of the
CSR_BUSY bit. Since the address range of the switch fabric CSRs exceeds that of the Switch Fabric
CSR Interface Direct Data Register (SWITCH_CSR_DIRECT_DATA) address range, a sub-set of the
switch fabric CSRs are mapped to the Switch Fabric CSR Interface Direct Data Register
(SWITCH_CSR_DIRECT_DATA) address range as detailed in Table 14.3, “Switch Fabric CSR to
SWITCH_CSR_DIRECT_DATA Address Range Map,” on page 240.
Figure 6.1 illustrates the process required to perform a switch fabric CSR write. The minimum wait
periods as specified in Table 8.1, “Read After Write Timing Rules,” on page 101 are required where
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com