Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 59 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 55Page - SMSC Corporation LAN9312 Datasheet HTML 56Page - SMSC Corporation LAN9312 Datasheet HTML 57Page - SMSC Corporation LAN9312 Datasheet HTML 58Page - SMSC Corporation LAN9312 Datasheet HTML 59Page - SMSC Corporation LAN9312 Datasheet HTML 60Page - SMSC Corporation LAN9312 Datasheet HTML 61Page - SMSC Corporation LAN9312 Datasheet HTML 62Page - SMSC Corporation LAN9312 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
59
Revision 1.2 (04-08-08)
DATASHEET
register. When Auto-negotiation is enabled and the MANUAL_FC_x bit is cleared, the switch port flow
control enables during full-duplex are determined by Auto-negotiation.
Note: The flow control values in the Port x PHY Auto-Negotiation Advertisement Register
(PHY_AN_AD V_ x) an d Vi rtual PHY Au to -N egotia tio n Advertisement Register
(VPHY_AN_ADV) are not affected by the values of the manual flow control register. Refer to
Section 7.2.5.1, "PHY Pause Flow Control," on page 92 and Section 7.3.1.3, "Virtual PHY
Pause Flow Control," on page 98 for additional information on PHY and Virtual PHY flow
control settings respectively.
Note 6.1
If Auto-negotiation is enabled and complete, but the link partner is not Auto-negotiation
capable, half-duplex is forced via the parallel detect function.
Note 6.2
For the Port 1 and Port 2 PHYs, these are the bits from the Port x PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x) and Port x PHY Auto-Negotiation Link Partner
Base Page Ability Register (PHY_AN_LP_BASE_ABILITY_x). For the Virtual PHY, these
are the local/partner swapped outputs from the bits in the Virtual PHY Auto-Negotiation
Advertisement Register (VPHY_AN_ADV) and Virtual PHY Auto-Negotiation Link Partner
Base Page Ability Register (VPHY_AN_LP_BASE_ABILITY). Refer to Section 7.3.1,
"Virtual PHY Auto-Negotiation," on page 96 for more information.
Table 6.1 Switch Fabric Flow Control Enable Logic
-
1
X
X
X
Half
XXX
X
0
BP_EN_x
-
X
0
X
X
Half
XXX
X
0
BP_EN_x
-
1
X
X
X
Full
XXX
X
RX_FC_x
TX_FC_x
-
X
0
X
X
Full
XXX
X
RX_FC_x
TX_FC_x
10
1
0
X
X
XXX
X
0
0
20
1
1
0Half (Note 6.1)
XXX
X
0
BP_EN_x
30
1
1
1
Half
XXX
X
0
BP_EN_x
40
1
1
1Full
0
0
X
X
0
0
50
1
1
1Full
0
1
0
X
0
0
60
1
1
1
Full
0
11
000
70
1
1
1
Full
0
11
101
80
1
1
1Full
1
0
0
X
0
0
90
1
1
1
Full
1
X1X1
1
10
0
1
1
1
Full
1
10
000
11
0
1
1
1
Full
1
10
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com