Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9312 Datasheet(PDF) 67 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 63Page - SMSC Corporation LAN9312 Datasheet HTML 64Page - SMSC Corporation LAN9312 Datasheet HTML 65Page - SMSC Corporation LAN9312 Datasheet HTML 66Page - SMSC Corporation LAN9312 Datasheet HTML 67Page - SMSC Corporation LAN9312 Datasheet HTML 68Page - SMSC Corporation LAN9312 Datasheet HTML 69Page - SMSC Corporation LAN9312 Datasheet HTML 70Page - SMSC Corporation LAN9312 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
67
Revision 1.2 (04-08-08)
DATASHEET
6.4.3
Transmit Priority Queue Selection
The transmit priority queue may be selected from five options. As shown in Figure 6.4, the priority may
be based on:
the static value for the destination address in the ALR table
the precedence bits in the IPv4 TOS octet
the DIFFSERV mapping table indexed by the IPv4 TOS octet or the IPv6 Traffic Class octet
the VLAN tag priority field using the per port Priority Regeneration table
the port default
The last four options listed are sent through the Traffic Class table which maps the selected priority to
one of the four output queues. The static value from the ALR table directly specifies the queue.
Figure 6.4 Switch Engine Transmit Queue Selection
priority
calculation
programmable
DIFFSERV table
programmable
port default
table
programmable
Priority
Regeneration
table
per port
3b
3b
3b
2b
6b
3b
2b
static DA
override
programmable
Traffic Class
table
Packet is Tagged
VL Higher Priority
Packet is IPv 4
Packet is IP
Use Precedence
Use IP
ALR Static Bit
IPv4(TOS)
IPv6(TC)
DA Highest Priority
priority queue
Source Port
ALR Priority
VLAN Priority
IPv4 Precedence
2b
3b
VLAN Enable
Packet is from Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com